Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGA-53589 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part No. MGA-53589
Description  50MHz to 3GHz High Linear Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

MGA-53589 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MGA-53589
50MHz to 3GHz High Linear Amplifier
Data Sheet
Description
AvagoTechnologies’MGA-53589 is a highly dynamic range
low noise amplifier MMIC, housed in a SOT-89 standard
plastic package.
MGA-53589 is especially ideal for Cellular/PCS/W-CDMA
basestation, wireless LAN, WLL and other systems in the
50MHz to 3GHz frequency range applications. With high
IP3 and low noise figure, the MGA-53589 may be utilized
as a driver amplifier in the transmit chain and as a second
stage LNA in the receive chain.
MGA-53589 is a versertile component and allows circuit
designers to put suitable external matching elements to
suit its intended application such as max OIP3, lowest NF,
highest return loss and etc.
Pin connections and Package Marking
Features
• Lead-free Option Available
• Very high linearity at low DC bias power
• Low noise figure
• High OIP3
• Advanced enhancement mode PHEMT Technology
• Excellent uniformity in product specification
• SOT-89 standard package
Specifications
At 1.9GHz, Vdd=5V, Idd=52mA (typ) @ 25°C
• OIP3 = 37dBm
• Noise Figure = 1.66dB
• Gain = 15.8 dB
• P1dB = 18.2dBm
• IRL = 14.4 dB, ORL = 15.7 dB
Application
• Base station radio card
• High linearity LNA for base stations, WLL, WLAN and
other applications in the 50MHz to 6GHz range.
Note:
Top View : Package marking provides orienation and identification
“53” = Device Code
“X” = Date Code character indentifies month of manufacturing
Figure 1. Simplified Schematic Diagram
53X
Top View
RFin
GND
RFout
#1
#2
#3
Bottom View
RFout
GND
RFin
#3
#2
#1
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model = 40 V
ESD Human Body Model = 250 V
Refer to Avago Application Note A004R:
Electrostatic Discharge, Damage and Control.
RFin
RFout
C
Vdd
C
C
C
L
L


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn