Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSCH-5314 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSCH-5314
Description  Beam Lead Schottky Diodes for Mixers and Detectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSCH-5314 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSCH-5314 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSCH-5314 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSCH-5314 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSCH-5314 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSCH-5314 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSCH-5314 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Typical Parameters
Figure 1. Typical forward characteristics for
medium barrier beam lead diodes. HSCH-5310
series.
Figure 2. Typical forward characteristics for
low barrier beam lead diodes. HSCH-5330,
-5340 series.
Figure 5. Typical admittance characteristics with external bias.
HSCH-5340.
Figure 3. Typical noise figure vs. frequency.
Figure 4. Typical admittance characteristics with 1 mA self bias.
HSCH-5340.
0
0.01
FORWARD VOLTAGE (V)
100
1
10
0.6
0.8
1.0
0.1
0.4
0.2
+125
°C
+25
°C
–55
°C
0
0.01
FORWARD VOLTAGE (V)
100
1
10
0.6
0.8
0.1
0.4
0.2
+125
°C
+25
°C
–55
°C
0
5.0
FREQUENCY (GHz)
7.5
6.5
6.0
7.0
16
20
24
28
5.5
12
4
2
9.375
26
8
0.25 pF
0.15 pF
0.1 pF
2.0
1.0
2
10
18
0.5
1.0
2.0
3.0
5.0
10.0
0.2
0.2
0.5
3.0
5.0
10.0
26 GHz
2.0
1.0
0.5
1.0
2.0
3.0
5.0
10.0
0.2
0.2
0.5
3.0
5.0
10.0
2
10
20
26 GHz
150
µA
50
µA
20
µA


Similar Part No. - HSCH-5314

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSCH-5314 HP-HSCH-5314 Datasheet
76Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors (1 - 26 GHz)
logo
Broadcom Corporation.
HSCH-5314 BOARDCOM-HSCH-5314 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
More results

Similar Description - HSCH-5314

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSCH-5314 BOARDCOM-HSCH-5314 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
HSCH-5310 BOARDCOM-HSCH-5310 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-53XX AVAGO-HSCH-53XX Datasheet
74Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
Agilent(Hewlett-Packard...
HSCH-5300 HP-HSCH-5300 Datasheet
76Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors (1 - 26 GHz)
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-5531 AVAGO-HSCH-5531 Datasheet
160Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
HSCH-55XX AVAGO-HSCH-55XX Datasheet
200Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
logo
Microsemi Corporation
GC9901 MICROSEMI-GC9901 Datasheet
215Kb / 6P
   Schottky Barrier Diodes TM For Mixers and Detectors
logo
M/A-COM Technology Solu...
MA4E2037_V3 MA-COM-MA4E2037_V3 Datasheet
69Kb / 4P
   GaAs Beam Lead Schottky Diodes
MA4E2037 MA-COM-MA4E2037 Datasheet
69Kb / 4P
   GaAs Beam Lead Schottky Diodes
logo
Tyco Electronics
MA4E2037 MACOM-MA4E2037 Datasheet
42Kb / 3P
   GaAs Beam Lead Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com