Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT74 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAT74
Description  Schottky barrier double diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT74 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAT74_15 Datasheet HTML 1Page - NXP Semiconductors BAT74_15 Datasheet HTML 2Page - NXP Semiconductors BAT74_15 Datasheet HTML 3Page - NXP Semiconductors BAT74_15 Datasheet HTML 4Page - NXP Semiconductors BAT74_15 Datasheet HTML 5Page - NXP Semiconductors BAT74_15 Datasheet HTML 6Page - NXP Semiconductors BAT74_15 Datasheet HTML 7Page - NXP Semiconductors BAT74_15 Datasheet HTML 8Page - NXP Semiconductors BAT74_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BAT74_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 19 April 2010
2 of 10
NXP Semiconductors
BAT74
Schottky barrier double diode
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Series connection.
[2]
If both diodes are in forward operation at the same moment, total device current is max. 110 mA. If one
diode is in reverse operation and the other is in forward operation at the same moment, total device current
is max. 200 mA.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BAT74
-
plastic surface-mounted package; 4 leads
SOT143B
Table 4.
Marking codes
Type number
Marking code[1]
BAT74
*L4
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
30
V
IF
forward current
-
200
mA
IFRM
repetitive peak forward
current
tp ≤ 1s; δ≤ 0.5
-
300
mA
IFSM
non-repetitive peak forward
current
tp <10ms
-
600
mA
Ptot
total power dissipation
Tamb ≤ 25 °C-
230
mW
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
−65
+125
°C
Tstg
storage temperature
−65
+150
°C
Double diode operation
VR
reverse voltage
-
30
V
[1] -60
V
IF
forward current
[2] -110
mA
IFRM
repetitive peak forward
current
tp ≤ 1s; δ≤ 0.5
-
200
mA


Similar Part No. - BAT74_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT74.215 NXP-BAT74.215 Datasheet
107Kb / 11P
   Schottky barrier double diode
Rev. 03-19 April 2010
BAT74235 PHILIPS-BAT74235 Datasheet
119Kb / 10P
   Schottky barrier double diode
Rev. 03-19 April 2010
BAT74S PHILIPS-BAT74S Datasheet
51Kb / 12P
   Schottky barrier double diode
1998 Jul 10
logo
Guangdong Kexin Industr...
BAT74S KEXIN-BAT74S Datasheet
39Kb / 2P
   Schottky Barrier Double Diode
logo
Nexperia B.V. All right...
BAT74S NEXPERIA-BAT74S Datasheet
2Mb / 10P
   Dual Schottky barrier diode
22 November 2012
More results

Similar Description - BAT74_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBD354 NXP-PMBD354 Datasheet
102Kb / 7P
   Schottky barrier double diode
2003 Mar 25
BAS70-07S PHILIPS-BAS70-07S Datasheet
52Kb / 8P
   Schottky barrier double diode
1998 Jul 10
BAT74S PHILIPS-BAT74S_03 Datasheet
57Kb / 8P
   Schottky barrier double diode
2003 Apr 11
BAT74V PHILIPS-BAT74V_15 Datasheet
198Kb / 7P
   Schottky barrier double diode
2002 Sep 02
logo
Nexperia B.V. All right...
BAT160C NEXPERIA-BAT160C Datasheet
196Kb / 8P
   Schottky barrier double diode
22 September 2022
logo
NXP Semiconductors
BAT54CM NXP-BAT54CM Datasheet
195Kb / 7P
   Schottky barrier double diode
2003 Nov 11
BAT74235 PHILIPS-BAT74235 Datasheet
119Kb / 10P
   Schottky barrier double diode
Rev. 03-19 April 2010
PMBD354 PHILIPS-PMBD354_15 Datasheet
102Kb / 7P
   Schottky barrier double diode
2003 Mar 25
logo
Guangdong Kexin Industr...
BAT74 KEXIN-BAT74 Datasheet
39Kb / 2P
   Schottky Barrier Double Diode
logo
NXP Semiconductors
BAT74V PHILIPS-BAT74V Datasheet
51Kb / 8P
   Schottky barrier double diode
2002 Sep 02
PBYR2100CT PHILIPS-PBYR2100CT Datasheet
47Kb / 8P
   Schottky barrier double diode
1999 May 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com