Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54L Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAT54L
Description  Schottky barrier diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT54L Datasheet(HTML) 4 Page - NXP Semiconductors

  BAT54L_15 Datasheet HTML 1Page - NXP Semiconductors BAT54L_15 Datasheet HTML 2Page - NXP Semiconductors BAT54L_15 Datasheet HTML 3Page - NXP Semiconductors BAT54L_15 Datasheet HTML 4Page - NXP Semiconductors BAT54L_15 Datasheet HTML 5Page - NXP Semiconductors BAT54L_15 Datasheet HTML 6Page - NXP Semiconductors BAT54L_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2003 Jun 23
4
NXP Semiconductors
Product data sheet
Schottky barrier diode
BAT54L
GRAPHICAL DATA
handbook, halfpage
10
IF
VF (V)
3
10
(mA)
2
10
1
10 1
1.2
0.8
0.4
0
MSA892
(3)
(2)
(1)
(3)
(2)
(1)
Fig.2
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
010
20
30
V
(V)
R
10 3
I
R
(
μA)
10 2
10
1
10 1
(1)
(2)
(3)
MSA893
Fig.3
Reverse current as a function of reverse
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
handbook, halfpage
010
20
30
0
5
10
15
VR (V)
Cd
(pF)
MSA891
Fig.4
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb = 25 °C.


Similar Part No. - BAT54L_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAT54LT1 MOTOROLA-BAT54LT1 Datasheet
77Kb / 4P
   30 VOLTS SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
BAT54LT1 ONSEMI-BAT54LT1 Datasheet
48Kb / 4P
   Schottky Barrier Diodes
September, 2005 ??Rev. 8
logo
Leshan Radio Company
BAT54LT1 LRC-BAT54LT1 Datasheet
61Kb / 2P
   Schottky Barrier Diodes
logo
ON Semiconductor
BAT54LT1G ONSEMI-BAT54LT1G Datasheet
48Kb / 4P
   Schottky Barrier Diodes
September, 2005 ??Rev. 8
BAT54LT1G ONSEMI-BAT54LT1G Datasheet
59Kb / 4P
   Schottky Barrier Diodes
December, 2014 ??Rev. 13
More results

Similar Description - BAT54L_15

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com