Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL40B215 Datasheet(PDF) 2 Page - International Rectifier

Part # IRL40B215
Description  Brushed Motor drive applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL40B215 Datasheet(HTML) 2 Page - International Rectifier

  IRL40B215 Datasheet HTML 1Page - International Rectifier IRL40B215 Datasheet HTML 2Page - International Rectifier IRL40B215 Datasheet HTML 3Page - International Rectifier IRL40B215 Datasheet HTML 4Page - International Rectifier IRL40B215 Datasheet HTML 5Page - International Rectifier IRL40B215 Datasheet HTML 6Page - International Rectifier IRL40B215 Datasheet HTML 7Page - International Rectifier IRL40B215 Datasheet HTML 8Page - International Rectifier IRL40B215 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
April 27, 2015
 
IRL40B215
Notes:

Calculated continuous current based on maximum allowable junction temperature. Bond wire current limit is 120A. Note that

Current imitations arising from heating of the device leads may occur with some lead mounting arrangements.

(Refer to AN-1140)

Repetitive rating; pulse width limited by max. junction temperature.

Limited by TJmax, starting TJ = 25°C, L = 0.033mH, RG = 50, IAS = 98A, VGS =10V.

ISD  98A, di/dt  1005A/µs, VDD  V(BR)DSS, TJ  175°C.

Pulse width
 400µs; duty cycle  2%.

Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.

Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS.
Ris measured at TJ approximately 90°C.
Limited by TJmax, starting TJ = 25°C, L = 1mH, RG = 50, IAS = 28A, VGS =10V.
Pulse drain current is limited at 480A by source bonding technology.
Absolute Maximum Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
164
A  
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
116
IDM
Pulsed Drain Current 
656
PD @TC = 25°C
Maximum Power Dissipation
143
W
Linear Derating Factor
0.95
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ
TSTG
Operating Junction and
Storage Temperature Range
-55 to + 175  
°C  
Soldering Temperature, for 10 seconds (1.6mm from case)
300
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
 
Avalanche Characteristics 
EAS (Thermally limited)
Single Pulse Avalanche Energy 
161
mJ
EAS (Thermally limited)
Single Pulse Avalanche Energy 
386
IAR
Avalanche Current 
See Fig 15, 16, 23a, 23b
A
EAR
Repetitive Avalanche Energy 
mJ
Thermal Resistance  
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case 
–––
1.05
°C/W  
RCS
Case-to-Sink, Flat Greased Surface
0.50
–––
RJA
Junction-to-Ambient 
–––
62
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Wire Bond Limited)
120
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max.
Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
––– 0.033 –––
V/°C
Reference to 25°C, ID = 5mA 
RDS(on)
–––
2.2
2.7
m

VGS = 10V, ID = 98A 
–––
2.8
3.5
VGS = 4.5V, ID = 49A 
VGS(th)
Gate Threshold Voltage
1.0
–––
2.4
V
VDS = VGS, ID = 100µA
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
VDS =40 V, VGS = 0V
–––
–––
150
VDS =40V,VGS = 0V,TJ =125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
RG
Gate Resistance
–––
2.0
–––

Static Drain-to-Source On-Resistance


Similar Part No. - IRL40B215

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRL40B215 ISC-IRL40B215 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IRL40B215

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com