Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1246 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX1246
Description  2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1246 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX1246 Datasheet HTML 15Page - Maxim Integrated Products MAX1246 Datasheet HTML 16Page - Maxim Integrated Products MAX1246 Datasheet HTML 17Page - Maxim Integrated Products MAX1246 Datasheet HTML 18Page - Maxim Integrated Products MAX1246 Datasheet HTML 19Page - Maxim Integrated Products MAX1246 Datasheet HTML 20Page - Maxim Integrated Products MAX1246 Datasheet HTML 21Page - Maxim Integrated Products MAX1246 Datasheet HTML 22Page - Maxim Integrated Products MAX1246 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
At VREF, the DC input resistance is a minimum of 18k
Ω.
During conversion, an external reference at VREF must
deliver up to 350µA DC load current and have 10
Ω or
less output impedance. If the reference has a higher
output impedance or is noisy, bypass it close to the
VREF pin with a 4.7µF capacitor.
Using the REFADJ input makes buffering the external
reference unnecessary. To use the direct VREF input,
disable the internal buffer by tying REFADJ to VDD. In
power-down, the input bias current to REFADJ can be
as much as 25µA with REFADJ tied to VDD. Pull
REFADJ to AGND to minimize the input bias current in
power-down.
Transfer Function
Table 7 shows the full-scale voltage ranges for unipolar
and bipolar modes.
The external reference must have a temperature coeffi-
cient of 4ppm/°C or less to achieve accuracy to within
1LSB over the 0°C to +70°C commercial temperature
range.
Figure 16 depicts the nominal, unipolar input/output
(I/O) transfer function, and Figure 17 shows the bipolar
input/output transfer function. Code transitions occur
halfway between successive-integer LSB values.
Output coding is binary, with 1LSB = 610µV (2.500V /
4096) for unipolar operation, and 1LSB = 610 µV
[(2.500V / 2 - -2.500V / 2) / 4096] for bipolar operation.
Layout, Grounding, and Bypassing
For best performance, use printed circuit boards.
Wire-wrap boards are not recommended. Board layout
should ensure that digital and analog signal lines are
separated from each other. Do not run analog and digi-
tal (especially clock) lines parallel to one another, or
digital lines underneath the ADC package.
Figure 18 shows the recommended system ground
connections. Establish a single-point analog ground
(star ground point) at AGND, separate from the logic
ground. Connect all other analog grounds and DGND
to the star ground. No other digital system ground
should be connected to this ground. For lowest-noise
operation, the ground return to the star ground’s power
supply should be low impedance and as short as
possible.
High-frequency noise in the VDD power supply may
affect the high-speed comparator in the ADC. Bypass
the supply to the star ground with 0.1µF and 1µF
capacitors close to pin 1 of the MAX1246/MAX1247.
Minimize capacitor lead lengths for best supply-noise
rejection. If the power supply is very noisy, a 10
Ω resis-
tor can be connected as a lowpass filter (Figure 18).
High-Speed Digital Interfacing with QSPI
The MAX1246/MAX1247 can interface with QSPI using
the circuit in Figure 19 (fSCLK = 2.0MHz, CPOL = 0,
CPHA = 0). This QSPI circuit can be programmed to do a
conversion on each of the four channels. The result is
stored in memory without taxing the CPU, since QSPI
incorporates its own microsequencer.
The MAX1246/MAX1247 are QSPI compatible up to its
maximum external clock frequency of 2MHz.
+2.7V, Low-Power, 4-Channel,
Serial 12-Bit ADCs in QSOP-16
______________________________________________________________________________________
19
OUTPUT CODE
FULL-SCALE
TRANSITION
11 . . . 111
11 . . . 110
11 . . . 101
00 . . . 011
00 . . . 010
00 . . . 001
00 . . . 000
1
2
3
0
(COM)
FS
FS - 3/2LSB
FS = VREF + COM
ZS = COM
INPUT VOLTAGE (LSB)
1LSB =
VREF
4096
Figure 16. Unipolar Transfer Function, Full Scale (FS) = VREF
+ COM, Zero Scale (ZS) = COM
UNIPOLAR MODE
BIPOLAR MODE
Full Scale
Zero Scale
Positive
Zero
Negative
Full Scale
Scale
Full Scale
VREF + COM
COM
VREF / 2
COM
-VREF / 2
+ COM
+ COM
Table 7. Full Scale and Zero Scale


Similar Part No. - MAX1246

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1246EVKIT MAXIM-MAX1246EVKIT Datasheet
116Kb / 8P
   Convenient On-Board Test Points
Rev 1; 6/97
MAX1246EVKIT-QSOP MAXIM-MAX1246EVKIT-QSOP Datasheet
116Kb / 8P
   Convenient On-Board Test Points
Rev 1; 6/97
MAX1246EVL11-QSOP MAXIM-MAX1246EVL11-QSOP Datasheet
116Kb / 8P
   Convenient On-Board Test Points
Rev 1; 6/97
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
More results

Similar Description - MAX1246

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com