Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1245 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1245
Description  2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1245 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1245 Datasheet HTML 11Page - Maxim Integrated Products MAX1245 Datasheet HTML 12Page - Maxim Integrated Products MAX1245 Datasheet HTML 13Page - Maxim Integrated Products MAX1245 Datasheet HTML 14Page - Maxim Integrated Products MAX1245 Datasheet HTML 15Page - Maxim Integrated Products MAX1245 Datasheet HTML 16Page - Maxim Integrated Products MAX1245 Datasheet HTML 17Page - Maxim Integrated Products MAX1245 Datasheet HTML 18Page - Maxim Integrated Products MAX1245 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
+2.375V, Low-Power, 8-Channel,
Serial 12-Bit ADC
______________________________________________________________________________________
15
POWERED UP
HARDWARE
POWER-
DOWN
POWERED UP
POWERED UP
12 DATA BITS
12 DATA BITS
INVALID
DATA
VALID
DATA
EXTERNAL
EXTERNAL
SX XXXX 11
S
0 0
XX
X
X
X
X X XXX
S1 1
SOFTWARE
POWER-DOWN
MODE
DOUT
DIN
CLOCK
MODE
SHDN
SETS EXTERNAL
CLOCK MODE
SETS EXTERNAL
CLOCK MODE
SETS SOFTWARE
POWER-DOWN
SOFTWARE
POWER-DOWN
POWERED UP
POWERED UP
DATA VALID
DATA VALID
INTERNAL
SX XXXX 10
S
0 0
XX
X
X
X
S
MODE
DOUT
DIN
CLOCK
MODE
SETS INTERNAL
CLOCK MODE
SETS
POWER-DOWN
CONVERSION
CONVERSION
SSTRB
Figure 12a. Timing Diagram Power-Down Modes, External Clock
Figure 12b. Timing Diagram Power-Down Modes, Internal Clock
PD1
PD0
DEVICE MODE
1
1
External Clock
1
0
Internal Clock
0
1
Unassigned
0
0
Power-Down
SHDN
DEVICE
INTERNAL CLOCK
STATE
MODE
FREQUENCY
1
Enabled
225kHz
Floating
Enabled
1.5MHz
0
Power-Down
N/A
Table 4. Software Power-Down and
Clock Mode
Table 5. Hard-Wired Power-Down and
Internal Clock Frequency


Similar Part No. - MAX1245

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1245 MAXIM-MAX1245 Datasheet
249Kb / 21P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
MAX1245ACAP MAXIM-MAX1245ACAP Datasheet
249Kb / 21P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
MAX1245ACPP MAXIM-MAX1245ACPP Datasheet
249Kb / 21P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
MAX1245AEAP MAXIM-MAX1245AEAP Datasheet
249Kb / 21P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
MAX1245AEPP MAXIM-MAX1245AEPP Datasheet
249Kb / 21P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
More results

Similar Description - MAX1245

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1245 MAXIM-MAX1245_09 Datasheet
249Kb / 21P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Maxim Integrated Produc...
MAX19777 MAXIM-MAX19777 Datasheet
1Mb / 19P
   3Msps, Low-Power, Serial 12-Bit ADC
2017
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com