Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1236 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1236
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1236 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1236 Datasheet HTML 8Page - Maxim Integrated Products MAX1236 Datasheet HTML 9Page - Maxim Integrated Products MAX1236 Datasheet HTML 10Page - Maxim Integrated Products MAX1236 Datasheet HTML 11Page - Maxim Integrated Products MAX1236 Datasheet HTML 12Page - Maxim Integrated Products MAX1236 Datasheet HTML 13Page - Maxim Integrated Products MAX1236 Datasheet HTML 14Page - Maxim Integrated Products MAX1236 Datasheet HTML 15Page - Maxim Integrated Products MAX1236 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Slave Address
A bus master initiates communication with a slave device
by issuing a START condition followed by a slave
address. When idle, the MAX1236–MAX1239 continu-
ously wait for a START condition followed by their slave
address. When the MAX1236–MAX1239 recognize their
slave address, they are ready to accept or send data.
Please refer to the table in the ordering information sec-
tion for the factory programmed slave address of the
selected device. The least significant bit (LSB) of the
address byte (R/W) determines whether the master is
writing to or reading from the MAX1236–MAX1239
(R/W = 0 selects a write condition, R/W = 1 selects a
read condition). After receiving the address, the
MAX1236–MAX1239 (slave) issues an acknowledge by
pulling SDA low for one clock cycle.
Bus Timing
At power-up, the MAX1236–MAX1239 bus timing is set
for fast-mode (F/S-mode), which allows conversion rates
up to 22.2ksps. The MAX1236–MAX1239 must operate
in high-speed mode (HS-mode) to achieve conversion
rates up to 94.4ksps. Figure 1 shows the bus timing for
the MAX1236–MAX1239’s 2-wire interface.
HS-Mode
At power-up, the MAX1236–MAX1239 bus timing is set
for F/S-mode. The bus master selects HS-mode by
addressing all devices on the bus with the HS-mode
master code 0000 1XXX (X = don’t care). After success-
fully receiving the HS-mode master code, the MAX1236–
MAX1239 issue a not-acknowledge, allowing SDA to be
pulled high for one clock cycle (Figure 8). After the not-
acknowledge, the MAX1236–MAX1239 are in HS-mode.
The bus master must then send a repeated START fol-
lowed by a slave address to initiate HS-mode communi-
cation. If the master generates a STOP condition, the
MAX1236–MAX1239 return to F/S-mode.
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
12
______________________________________________________________________________________
01
1
1
0
0
0
R/W
A
SLAVE ADDRESS
S
SCL
SDA
12
3
4
5
6
78
9
MAX1236/MAX1237
SEE ORDERING INFORMATION FOR SLAVE ADDRESS OPTIONS AND DETAILS.
Figure 7. MAX1236/MAX1237 Slave Address Byte
000
1
0X
X
X
A
HS-MODE MASTER CODE
SCL
SDA
S
Sr
F/S-MODE
HS-MODE
Figure 8. F/S-Mode to HS-Mode Transfer


Similar Part No. - MAX1236

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1236 MAXIM-MAX1236 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236EUA MAXIM-MAX1236EUA Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236EUA++ MAXIM-MAX1236EUA+ Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236EUA++ MAXIM-MAX1236EUA+ Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
More results

Similar Description - MAX1236

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1136 MAXIM-MAX1136 Datasheet
471Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
19-2334; Rev 1; 4/02
MAX11644 MAXIM-MAX11644 Datasheet
396Kb / 21P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 1-/2-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com