Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S2561616A-2S Datasheet(PDF) 14 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S2561616A-2S
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S2561616A-2S Datasheet(HTML) 14 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S2561616A-2S Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
ESMT
M13S2561616A (2S)
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Jan. 2015
Revision : 1.0
14/49
Mode Register Definition
Mode Register Set (MRS)
The mode register stores the data for controlling the various operating modes of DDR SDRAM. It programs CAS latency,
addressing mode, burst length, test mode, DLL reset and various vendor specific options to make DDR SDRAM useful for
variety of different applications. The default value of the register is not defined, therefore the mode register must be written after
EMRS setting for proper DDR SDRAM operation. The mode register is written by asserting low on CS , RAS , CAS , WE
and BA0~BA1 (The DDR SDRAM should be in all bank precharge with CKE already high prior to writing into the mode register).
The state of address pins A0~A12 in the same cycle as CS , RAS , CAS , WE and BA0~BA1 going low is written in the
mode register. Two clock cycles are requested to complete the write operation in the mode register. The mode register contents
can be changed using the same command and clock cycle requirements during operation as long as all banks are in the idle
state. The mode register is divided into various fields depending on functionality. The burst length uses A0~A2, addressing
mode uses A3, CAS latency (read latency from column address) uses A4~A6. A7 is used for test mode. A8 is used for DLL
reset. A7 must be set to low for normal MRS operation. Refer to the table for specific codes for various burst length, addressing
modes and CAS latencies.
BA1
BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Bus
0
0
RFU
DLL
TM
CAS Latency
BT
Burst Length
Mode Register
A8
DLL Reset
A7
Mode
A3
Burst Type
0
No
0
Normal
0
Sequential
1
Yes
1
Test
1
Interleave
Burst Length
CAS Latency
Length
A6
A5
A4
Latency
A2
A1
A0
Sequential Interleave
BA1
BA0
Operating Mode
0
0
0
Reserved
0
0
0
Reserved
Reserved
0
0
MRS Cycle
0
0
1
Reserved
0
0
1
2
2
0
1
EMRS Cycle
0
1
0
Reserved
0
1
0
4
4
0
1
1
3
0
1
1
8
8
1
0
0
4
1
0
0
Reserved
Reserved
1
1
0
2.5
1
0
1
Reserved
Reserved
1
1
1
Reserved
1
1
0
Reserved
Reserved
1
1
1
Reserved
Reserved
Note: RFU (Reserved for future use) must stay “0” during MRS cycle.


Similar Part No. - M13S2561616A-2S

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13S2561616A-2S

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com