Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S2561616A-2A Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S2561616A-2A
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S2561616A-2A Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S2561616A-2A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
ESMT
M13S2561616A (2A)
Automotive Grade
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2012
Revision : 1.1
6/49
IDD Parameters and Test Conditions
Test Condition
Symbol
Note
Operating Current (one bank Active - Precharge):
tRC = tRC (min); tCK = tCK (min); DQ, DM, and DQS inputs changing once per clock cycle;
Address and control inputs changing once every two clock cycles; CS = high between valid commands.
IDD0
Operating Current (one bank Active - Read - Precharge):
One bank open; BL = 4; tRC = tRC (min); tCK = tCK (min); IOUT = 0mA;
Address and control inputs changing once per deselect cycle; CS = high between valid commands
IDD1
2
Precharge Power-down Standby Current:
All banks idle; Power-down mode; tCK = tCK (min); CKE VIL(max); VIN = VREF for DQ, DQS and DM.
IDD2P
Precharge Floating Standby Current:
CS
VIH(min); All banks idle; CKE VIH(min); tCK = tCK (min);
Address and other control inputs changing once per clock cycle; VIN = VREF for DQ, DQS, and DM.
IDD2F
Precharge Quiet Standby Current:
CS
VIH(min); All banks idle; CKE VIH(min); tCK = tCK (min);
Address and other control inputs stable at
VIH(min) or VIL(max); VIN = VREF for DQ, DQS, and DM.
IDD2Q
Active Power-down Standby Current:
One bank active; Power-down mode; CKE
VIL(max); tCK = tCK (min); VIN = VREF for DQ, DQS, and DM.
IDD3P
Active Standby Current:
CS
VIH(min); CKE VIH(min); One bank active; tRC = tRAS (max); tCK = tCK (min);
DQ, DM, and DQS inputs changing twice per clock cycle;
Address and other control inputs changing once per clock cycle.
IDD3N
Operating Current (burst read):
BL = 2; Continuous burst reads; One bank active;
Address and control inputs changing once per clock cycle; tCK = tCK (min); IOUT = 0mA;
50% of data changing on every transfer.
IDD4R
Operating Current (burst write):
BL = 2; Continuous burst writes; One bank active;
Address and control inputs changing once per clock cycle; tCK = tCK (min);
DQ, DM, and DQS inputs changing twice per clock cycle; 50% of input data changing at every transfer.
IDD4W
Auto Refresh Current:
tRC = tRFC(min)
IDD5
Self Refresh Current:
CKE
0.2V; external clock on; tCK = tCK (min)
IDD6
1
Operating Current (Four bank operation):
Four-bank interleaving READs (burst = 4) with auto precharge; tRC = tRC (min); tCK = tCK (min);
Address and control inputs change only during ACTIVE, READ, or WRITE commands; IOUT = 0mA.
IDD7
2
Notes:
1. Enable on-chip refresh and address counters.
2. Random address is changing; 50% of data is changing at every transfer.


Similar Part No. - M13S2561616A-2A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13S2561616A-2A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com