Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S2561616A-2A Datasheet(PDF) 13 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S2561616A-2A
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S2561616A-2A Datasheet(HTML) 13 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S2561616A-2A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
ESMT
M13S2561616A (2A)
Automotive Grade
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2012
Revision : 1.1
13/49
Basic Functionality
Power-Up and Initialization Sequence
DDR SDRAM must be powered up and initialized in a predefined manner. Operational procedures other than those specified
may result in undefined operation. No power sequencing is specified during power up and power down given the following
criteria:
VDD and VDDQ are driven from a single power converter output, AND
VTT is limited to 1.35 V, AND
VREF tracks VDDQ /2
OR, the following relationships must be followed:
VDDQ is driven after or with VDD such that VDDQ < VDD + 0.3 V, AND
VTT is driven after or with VDDQ such that VTT < VDDQ + 0.3 V, AND
VREF is driven after or with VDDQ such that VREF < VDDQ + 0.3 V.
At least one of these two conditions must be met.
Except for CKE, inputs are not recognized as valid until after VREF is applied. CKE is an SSTL_2 input, but will detect an
LVCMOS LOW level after VDD is applied. Maintaining an LVCMOS LOW level on CKE during power-up is required to guarantee
that the DQ and DQS outputs will be in the High-Z state, where they will remain until driven in normal operation (by a read
access).
After all power supply and reference voltages are stable, and the clock is stable, the DDR SDRAM requires a 200 μs delay prior
to applying an executable command. Once the 200 μs delay has been satisfied, a DESELECT or NOP command should be
applied, and CKE should be brought HIGH.
Following the NOP command, a PRECHARGE ALL command should be applied. Next a MODE REGISTER SET command
should be issued for the Extended Mode Register, to enable the DLL, and then a MODE REGISTER SET command should be
issued for the Mode Register, to reset the DLL, and to program the operating parameters. 200 clock cycles are required
between the DLL reset and any executable command. A PRECHARGE ALL command should be applied, placing the device in
the ”all banks idle” state.
Once in the idle state, two AUTO refresh cycles must be performed. Additionally, a MODE REGISTER SET command for the
Mode Register, with the reset DLL bit deactivated (i.e., to program operating parameters without resetting the DLL) must be
performed.
Following these cycles, the DDR SDRAM is ready for normal operation.


Similar Part No. - M13S2561616A-2A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13S2561616A-2A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com