Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M13S128324A-2M Datasheet(PDF) 7 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S128324A-2M
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S128324A-2M Datasheet(HTML) 7 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S128324A-2M Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
ESMT
M13S128324A (2M)
Elite Semiconductor Memory Technology Inc.
Publication Date : Aug. 2011
Revision : 1.3
7/48
IDD Specifications
Version
Symbol
-3.6
-4
-5
-6
Unit
IDD0
235
210
175
145
mA
IDD1
245
220
190
180
mA
IDD2P
40
40
40
40
mA
IDD2F
135
120
115
95
mA
IDD2Q
135
120
115
95
mA
IDD3P
60
55
50
45
mA
IDD3N
150
130
120
110
mA
IDD4R
440
400
350
300
mA
IDD4W
470
430
380
330
mA
IDD5
320
290
270
250
mA
IDD6
5
5
5
5
mA
IDD7
500
460
410
360
mA
Input / Output Capacitance
(VDD = 2.375V~2.625V, VDDQ =2.375V~2. 625V, TA = 25 C
° , f = 1MHz)
(VDD = 2.5V~2.7V, VDDQ =2.5V~2.7V, TA = 25 C
° , f = 1MHz (for speed -3.6))
Parameter
Symbol
Min
Max
Unit
Input capacitance (A0~A11, BA0~BA1, CKE,
CS , RAS , CAS , WE )
CIN1
1
4
pF
Input capacitance (CLK, CLK )
CIN2
1
5
pF
Data & DQS input/output capacitance
COUT
1
6.5
pF
Input capacitance (DM)
CIN3
1
6.5
pF


Similar Part No. - M13S128324A-2M

ManufacturerPart #DatasheetDescription
Elite Semiconductor Memory Technology Inc.
Elite Semiconductor Mem...
M13S128324A-3.6BG ESMT-M13S128324A-3.6BG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A-3.6BG ESMT-M13S128324A-3.6BG Datasheet
955Kb / 50P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A-4BG ESMT-M13S128324A-4BG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A-4BG ESMT-M13S128324A-4BG Datasheet
955Kb / 50P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A-4LG ESMT-M13S128324A-4LG Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S128324A-2M

ManufacturerPart #DatasheetDescription
Elite Semiconductor Memory Technology Inc.
Elite Semiconductor Mem...
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
Winbond
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
Elite Semiconductor Memory Technology Inc.
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
Winbond
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
Elite Semiconductor Memory Technology Inc.
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
Winbond
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
Elite Semiconductor Memory Technology Inc.
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
Winbond
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com