Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M13S128324A-2M Datasheet(PDF) 28 Page - Elite Semiconductor Memory Technology Inc.

Part No. M13S128324A-2M
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ESMT [Elite Semiconductor Memory Technology Inc.]
Homepage  http://www.esmt.com.tw/index.asp
Logo 

M13S128324A-2M Datasheet(HTML) 28 Page - Elite Semiconductor Memory Technology Inc.

Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
ESMT
M13S128324A (2M)
Elite Semiconductor Memory Technology Inc.
Publication Date : Aug. 2011
Revision : 1.3
28/48
Power down
Power down is entered when CKE is registered Low (no accesses can be in progress). If power down occurs when all banks are idle,
this mode is referred to as precharge power-down; if power down occurs when there is a row active in any bank, this mode is
referred to as active power-down.
Entering power down deactivates the input and output buffers, excluding CLK, CLK and CKE. In power down mode, CKE Low
must be maintained, and all other input signals are “Don’t Care”. The minimum power down duration is at least 1 tCK + tIS. However,
power down duration is limited by the refresh requirements of the device.
The power down state is synchronously exited when CKE is registered High (along with a NOP or DESELECT command). A valid
command may be applied 1 tCK + tIS after exit from power down.
CO M M A N D
CK E
CLK
CLK
Precharge
Read
Enter Prec h arge
pow er- do wn
m ode
tIS
tIS
tIS
tIS
Active
E xi t P r ec har g e
power-d own
mo de
Enter Acti ve
powe r- d own
m ode
Exit Activ e
power -d own
mo de
tRP
Functional Truth Table
Truth Table – CKE
[Note 1~4, 6]
CKE n-1
CKE n
Current State
COMMAND n
ACTION n
NOTE
L
L
Power Down
X
Maintain Power Down
L
L
Self Refresh
X
Maintain Self Refresh
7
L
H
Power Down
NOP or DESELECT
Exit Power Down
L
H
Self Refresh
NOP or DESELECT
Exit Self Refresh
5, 7
H
L
All Banks Idle
NOP or DESELECT
Precharge Power Down Entry
H
L
Bank(s) Active
NOP or DESELECT
Active Power Down Entry
H
L
All Banks Idle
AUTO REFRESH
Self Refresh Entry
H
H
See the Truth Tables as follow
Notes:
1. CKE n is the logic state of CKE at clock edge n; CKE n-1 was the state of CKE at the previous clock edge.
2. Current state is the state of DDR SDRAM immediately prior to clock edge n.
3. COMMAND n is the command registered at clock edge n, and ACTION n is the result of COMMAND n.
4. All states and sequences not shown are illegal or reserved.
5. DESELECT and NOP DESELECT or NOP commands should be issued on any clock edges occurring during the tXSNR or
tXSRD period. A minimum of 200 clock cycles is needed before applying any executable command, for the DLL to lock.
6. Operation or timing that is not specified is illegal and after such an event, in order to guarantee proper operation, the DRAM
must be powered down and then restarted through the specified initialization sequence before normal operation can
continue.
7. VREF must be maintained during Self Refresh operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn