Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M13S128324A-2M Datasheet(PDF) 27 Page - Elite Semiconductor Memory Technology Inc.

Part No. M13S128324A-2M
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ESMT [Elite Semiconductor Memory Technology Inc.]
Homepage  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S128324A-2M Datasheet(HTML) 27 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S128324A-2M Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 26Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 27Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 28Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 29Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 30Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 31Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
ESMT
M13S128324A (2M)
Elite Semiconductor Memory Technology Inc.
Publication Date : Aug. 2011
Revision : 1.3
27/48
Auto Refresh & Self Refresh
Auto Refresh
An auto refresh command is issued by having CS , RAS and CAS held low with CKE and WE high at the rising edge of the
clock (CLK). All banks must be precharged and idle for tRP(min) before the auto refresh command is applied. No control of the
external address pins is requires once this cycle has started because of the internal address counter. When the refresh cycle has
completed, all banks will be in the idle state. A delay between the auto refresh command and the next activate command or
subsequent auto refresh command must be greater than or equal to the tRFC(min).
A maximum of eight consecutive AUTO REFRESH commands (with tRFC(min)) can be posted to any given DDR SDRAM meaning
that the maximum absolute interval between any AUTO REFRESH command and the next AUTO REFRESH command is 8 x tREFI .
CO M M A N D
CK E = Hi g h
t RP
PR E
Auto
Refresh
CM D
t RF C
CL K
CL K
Self Refresh
A self refresh command is defines by having CS , RAS , CAS and CKE held low with WE high at the rising edge of the clock
(CLK). Once the self refresh command is initiated, CKE must be held low to keep the device in self refresh mode. During the self
refresh operation, all inputs except CKE are ignored. Since CKE is an SSTL_2 input, VREF must be maintained during self refresh.
The clock is internally disabled during self refresh operation to reduce power consumption. The self refresh is exited by supplying
stable clock input before returning CKE high, asserting deselect or NOP command and then asserting CKE high for longer than tXSRD
for locking of DLL.
CO M M A N D
CKE
t XSN R ( m i n )
Self
Ref resh
Auto
Ref resh
NO P
t IS
CL K
CL K
NOP
NOP
NO P
NO P
NO P
t IS
Note: After self refresh exit, input an auto refresh command immediately.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn