Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M13S128324A-2M Datasheet(PDF) 22 Page - Elite Semiconductor Memory Technology Inc.

Part No. M13S128324A-2M
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ESMT [Elite Semiconductor Memory Technology Inc.]
Homepage  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S128324A-2M Datasheet(HTML) 22 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S128324A-2M Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. M13S128324A-2M Datasheet HTML 26Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
ESMT
M13S128324A (2M)
Elite Semiconductor Memory Technology Inc.
Publication Date : Aug. 2011
Revision : 1.3
22/48
Write Interrupted by a Read & DM
A burst write can be interrupted by a read command of any bank. The DQ’s must be in the high impedance state at least one clock
cycle before the interrupting read data appear on the outputs to avoid data contention. When the read command is registered, any
residual data from the burst write cycle must be masked by DM. The delay from the last data to read command (tWTR) is required to
avoid the data contention DRAM inside. Data that are presented on the DQ pins before the read command is initiated will actually be
written to the memory. Read command interrupting write can not be issued at the next clock edge of that of write command.
<Burst Length = 8, CAS Latency = 3>
01
23
4
5
678
CO M M A N D
DQ S
DQ ' s
DQ S
DQ ' s
NO P
NO P
NO P
NO P
REA D
NOP
t D Q SS( m a x )
D IN 0
WRITE
t DQS S ( m i n )
DM
CL K
CL K
DM
NO P
NO P
Hi - Z
Hi - Z
t WP RE S
t WT R
*5
Hi - Z
Hi - Z
t WT R
t WP R E S
*5
D IN 1
D IN 2
D IN 3
D IN 4 D IN 5
D IN 6
D IN 7
DOUT0 DOUT1
DOUT0 DOUT1
D IN 0 D IN 1
D IN 2
D IN 3
D IN 4 D IN 5
D IN 6
D IN 7
The following functionality established how a Read command may interrupt a Write burst and which input data is not written into the
memory.
1. For Read commands interrupting a Write burst, the minimum Write to Read command delay is 2 clock cycles. The case where the
Write to Read delay is 1 clock cycle is disallowed.
2. For read commands interrupting a Write burst, the DM pin must be used to mask the input data words which immediately precede
the interrupting Read operation and the input data word which immediately follows the interrupting Read operation.
3. For all cases of a Read interrupting a Write, the DQ and DQS buses must be released by the driving chip (i.e., the memory controller)
in time to allow the buses to turn around before the SDRAM drives them during a read operation.
4. If input Write data is masked by the Read command, the DQS inputs are ignored by the DDR SDRAM.
5. Refer to “Burst write operation”


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn