Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L128168A-2N Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L128168A-2N
Description  JEDEC standard 3.3V power supply
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L128168A-2N Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  M12L128168A-2N Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
ESMT
M12L128168A (2N)
Automotive Grade
Elite Semiconductor Memory Technology Inc.
Publication Date: Jun. 2012
Revision: 1.1
3/46
PIN CONFIGURATION (TOP VIEW)
BALL CONFIGURATION (TOP VIEW)
(TSOPII 54L, 400milX875mil Body, 0.8mm Pin Pitch)
(BGA 54, 8mmX8mmX1mm Body, 0.8mm Ball Pitch)
PIN DESCRIPTION
PIN
NAME
INPUT FUNCTION
CLK
System Clock
Active on the positive going edge to sample all inputs
CS
Chip Select
Disables or enables device operation by masking or enabling all
inputs except CLK , CKE and L(U)DQM
CKE
Clock Enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior new command.
Disable input buffers for power down in standby.
A0 ~ A11
Address
Row / column address are multiplexed on the same pins.
Row address : RA0~RA11, column address : CA0~CA8
BA0 , BA1
Bank Select Address
Selects bank to be activated during row address latch time.
Selects bank for read / write during column address latch time.
RAS
Row Address Strobe
Latches row addresses on the positive going edge of the CLK with
RAS low. (Enables row access & precharge.)
CAS
Column Address Strobe
Latches column address on the positive going edge of the CLK with
CAS low. (Enables column access.)
WE
Write Enable
Enables write operation and row precharge.
Latches data in starting from CAS , WE active.
L(U)DQM
Data Input / Output Mask
Makes data output Hi-Z, tSHZ after the clock and masks the output.
Blocks data input when L(U)DQM active.
DQ0 ~ DQ15
Data Input / Output
Data inputs / outputs are multiplexed on the same pins.
VDD / VSS
Power Supply / Ground
Power and ground for the input buffers and the core logic.
VDDQ / VSSQ
Data Output Power / Ground
Isolated power supply and ground for the output buffers to provide
improved noise immunity.
NC
No Connection
This pin is recommended to be left No Connection on the device.


Similar Part No. - M12L128168A-2N

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128168A-5BG ESMT-M12L128168A-5BG Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A-5BG2L ESMT-M12L128168A-5BG2L Datasheet
688Kb / 45P
   ABSOLUTE MAXIMUM RATINGS
M12L128168A-5BIG ESMT-M12L128168A-5BIG Datasheet
366Kb / 22P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A-5T ESMT-M12L128168A-5T Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A-5TG ESMT-M12L128168A-5TG Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L128168A-2N

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L2561616A-2S ESMT-M12L2561616A-2S Datasheet
917Kb / 44P
   JEDEC standard 3.3V power supply
M12L128324A2E ESMT-M12L128324A2E Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L16161A-2Q ESMT-M12L16161A-2Q Datasheet
712Kb / 28P
   JEDEC standard 3.3V power supply
M12L64164A-2Y ESMT-M12L64164A-2Y Datasheet
1Mb / 45P
   JEDEC standard 3.3V power supply
M12L64322A-2U ESMT-M12L64322A-2U Datasheet
811Kb / 46P
   JEDEC standard 3.3V power supply
M12L128324A-2E ESMT-M12L128324A-2E Datasheet
890Kb / 44P
   JEDEC standard 3.3V power supply
M12L2561616A2K ESMT-M12L2561616A2K Datasheet
933Kb / 45P
   JEDEC standard 3.3V power supply
M12L128324A-2M ESMT-M12L128324A-2M Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L2561616A-2A ESMT-M12L2561616A-2A Datasheet
932Kb / 45P
   JEDEC standard 3.3V power supply
M12L32321A-2G ESMT-M12L32321A-2G Datasheet
525Kb / 28P
   JEDEC standard 3.3V 짹 0.3V power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com