Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1204 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX1204
Description  5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1204 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX1204 Datasheet HTML 16Page - Maxim Integrated Products MAX1204 Datasheet HTML 17Page - Maxim Integrated Products MAX1204 Datasheet HTML 18Page - Maxim Integrated Products MAX1204 Datasheet HTML 19Page - Maxim Integrated Products MAX1204 Datasheet HTML 20Page - Maxim Integrated Products MAX1204 Datasheet HTML 21Page - Maxim Integrated Products MAX1204 Datasheet HTML 22Page - Maxim Integrated Products MAX1204 Datasheet HTML 23Page - Maxim Integrated Products MAX1204 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
5V, 8-Channel, Serial, 10-Bit ADC
with 3V Digital Interface
22
______________________________________________________________________________________
_Ordering Information (continued)
VDD
I/O
SCK (SK)
MOSI (SO)
MISO (SI)
VSS
SHDN
SSTRB
DOUT
DIN
SCLK
CS
VSS
VL
GND
VDD
REFADJ
CH7
C3
0.1µF
C4
0.1µF
CH0
+3V
+5V
C2
0.01µF
0V to
4.096V
ANALOG
INPUTS
MAX1204
CPU
C1
4.7µF
REF
__________Typical Operating Circuit
___________________Chip Information
*
Contact factory for availability.
±1
±1
±1/2
±1
±1/2
INL
(LSB)
20 CERDIP*
-55°C to +125°C
MAX1204BMJP
20 SSOP
-40°C to +85°C
MAX1204BEAP
20 SSOP
20 Plastic DIP
20 Plastic DIP
PIN-PACKAGE
TEMP. RANGE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX1204AEAP
MAX1204BEPP
MAX1204AEPP
PART
TRANSISTOR COUNT: 2503
SUBSTRATE CONNECTED TO VSS


Similar Part No. - MAX1204

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1204ACAP MAXIM-MAX1204ACAP Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204ACPP MAXIM-MAX1204ACPP Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204BCAP MAXIM-MAX1204BCAP Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204BCPP MAXIM-MAX1204BCPP Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
More results

Similar Description - MAX1204

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com