Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F59D1G81A Datasheet(PDF) 36 Page - Elite Semiconductor Memory Technology Inc.

Part # F59D1G81A
Description  Voltage Supply: 1.8V (1.7 V ~ 1.95V)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F59D1G81A Datasheet(HTML) 36 Page - Elite Semiconductor Memory Technology Inc.

Back Button F59D1G81A Datasheet HTML 32Page - Elite Semiconductor Memory Technology Inc. F59D1G81A Datasheet HTML 33Page - Elite Semiconductor Memory Technology Inc. F59D1G81A Datasheet HTML 34Page - Elite Semiconductor Memory Technology Inc. F59D1G81A Datasheet HTML 35Page - Elite Semiconductor Memory Technology Inc. F59D1G81A Datasheet HTML 36Page - Elite Semiconductor Memory Technology Inc. F59D1G81A Datasheet HTML 37Page - Elite Semiconductor Memory Technology Inc. F59D1G81A Datasheet HTML 38Page - Elite Semiconductor Memory Technology Inc. F59D1G81A Datasheet HTML 39Page - Elite Semiconductor Memory Technology Inc. F59D1G81A Datasheet HTML 40Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
ESMT
F59D1G81A / F59D1G161A
Elite Semiconductor Memory Technology Inc.
Publication Date: May
2014
Revision: 1.5
36/43
Ready / Busy
The device has a R/ B output that provides a hardware method of indicating the completion of a page program, erase and random
read completion. The R/ B pin is normally high but transition to low after program or erase command is written to the command
register or random read is started after address loading. It returns to high when the internal controller has finished the operation. The
pin is an open-drain driver thereby allowing two or more R/ B outputs to be Or-tied. Because pull-up resistor value is related to tr (R/ B )
and current drain during busy (ibusy), an appropriate value can be obtained with the following reference chart. Its value can be
determined by the following guidance.
Ready/ Busy Pin Electrical Specifications
where IL is the sum of the iput currents of all devices tied to the R/ B pin.
Rp(max) is determined by maximum permissible limit of tr


Similar Part No. - F59D1G81A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F59D1G81LB ESMT-F59D1G81LB Datasheet
1Mb / 53P
   1 Gbit (128M x 8/ 64M x 16) 1.8V NAND Flash Memory
F59D1G81LB-45BCG2M ESMT-F59D1G81LB-45BCG2M Datasheet
1Mb / 53P
   1 Gbit (128M x 8/ 64M x 16) 1.8V NAND Flash Memory
F59D1G81LB-45BG2M ESMT-F59D1G81LB-45BG2M Datasheet
1Mb / 53P
   1 Gbit (128M x 8/ 64M x 16) 1.8V NAND Flash Memory
F59D1G81LB-45TG2M ESMT-F59D1G81LB-45TG2M Datasheet
1Mb / 53P
   1 Gbit (128M x 8/ 64M x 16) 1.8V NAND Flash Memory
F59D1G81MA ESMT-F59D1G81MA Datasheet
1Mb / 51P
   1 Gbit (128M x 8/ 64M x 16) 1.8V NAND Flash Memory
More results

Similar Description - F59D1G81A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F59D2G81A ESMT-F59D2G81A Datasheet
1Mb / 56P
   Voltage Supply: 1.8V (1.7V ~ 1.95V)
F59D4G81A ESMT-F59D4G81A Datasheet
1Mb / 54P
   Voltage Supply: 1.8V (1.7V ~ 1.95V)
logo
Golledge Electronics Lt...
MCSO1Z GOLLEDGE-MCSO1Z Datasheet
570Kb / 4P
   1.8V supply voltage
logo
Freescale Semiconductor...
MMA8453QT FREESCALE-MMA8453QT Datasheet
1Mb / 47P
   1.95V to 3.6V supply voltage, 1.6V to 3.6V interface voltage
logo
List of Unclassifed Man...
PT3956 ETC2-PT3956 Datasheet
313Kb / 1P
   1.8v~8.5v supply voltage
PT3953 ETC2-PT3953 Datasheet
328Kb / 1P
   1.8v~8.5v supply voltage
logo
Sanyo Semicon Device
LV59018M SANYO-LV59018M_10 Datasheet
316Kb / 7P
   1.8V Constant-Voltage Power Supply IC
logo
Texas Instruments
TPL5110 TI1-TPL5110 Datasheet
935Kb / 26P
[Old version datasheet]   Supply Voltage from 1.8V to 5.5V
logo
Sanyo Semicon Device
LV59018M SANYO-LV59018M Datasheet
783Kb / 7P
   1.8V Constant-Voltage Power Supply IC
logo
Maxim Integrated Produc...
MAX44265EVKIT MAXIM-MAX44265EVKIT Datasheet
849Kb / 7P
   1.8V to 5.5V Supply Voltage Range
19-5782; Rev 0; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com