Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L08QA-2S Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L08QA-2S
Description  Single supply voltage 2.7~3.6V
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L08QA-2S Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L08QA-2S Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
ESMT
F25L08QA (2S)
Elite Semiconductor Memory Technology Inc.
Publication Date: Nov. 2013
Revision: 1.2
6/43
Table 1: Sector Address Table – Continued I
Block Address
64KB
Block
32KB
Block
Sector
Sector Size
(Kbytes)
Address range
A19
A18
A17
A16
159
4KB
09F000H – 09FFFFH
:
:
:
19
152
4KB
098000H – 098FFFH
151
4KB
097000H – 097FFFH
:
:
:
9
18
144
4KB
090000H – 090FFFH
1
0
0
1
143
4KB
08F000H – 08FFFFH
:
:
:
17
136
4KB
088000H – 088FFFH
135
4KB
087000H – 087FFFH
:
:
:
8
16
128
4KB
080000H – 080FFFH
1
0
0
0
127
4KB
07F000H – 07FFFFH
:
:
:
15
120
4KB
078000H – 078FFFH
119
4KB
077000H – 077FFFH
:
:
:
7
14
112
4KB
070000H – 070FFFH
0
1
1
1
111
4KB
06F000H – 06FFFFH
:
:
:
13
104
4KB
068000H – 068FFFH
103
4KB
067000H – 067FFFH
:
:
:
6
12
96
4KB
060000H – 060FFFH
0
1
1
0
95
4KB
05F000H – 05FFFFH
:
:
:
11
88
4KB
058000H – 058FFFH
87
4KB
057000H – 057FFFH
:
:
:
5
10
80
4KB
050000H – 050FFFH
0
1
0
1
79
4KB
04F000H – 04FFFFH
:
:
:
9
72
4KB
048000H – 048FFFH
71
4KB
047000H – 047FFFH
:
:
:
4
8
64
4KB
040000H – 040FFFH
0
1
0
0


Similar Part No. - F25L08QA-2S

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA-100DG ESMT-F25L08PA-100DG Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA-100DIG ESMT-F25L08PA-100DIG Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA-100PAG ESMT-F25L08PA-100PAG Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
More results

Similar Description - F25L08QA-2S

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L01PA-2D ESMT-F25L01PA-2D Datasheet
347Kb / 31P
   Single supply voltage 2.7~3.6V
F25L16PA-2S ESMT-F25L16PA-2S Datasheet
408Kb / 42P
   Single supply voltage 2.7~3.6V
F25L02PA ESMT-F25L02PA Datasheet
441Kb / 35P
   Single supply voltage 2.7~3.6V
F25L32QA-2S ESMT-F25L32QA-2S Datasheet
416Kb / 51P
   Single supply voltage 2.65~3.6V
F25L04PA ESMT-F25L04PA Datasheet
341Kb / 34P
   Single supply voltage 2.3~3.6V
F59L1G81A ESMT-F59L1G81A Datasheet
1Mb / 35P
   Voltage Supply: 2.6V ~ 3.6V
logo
Maxim Integrated Produc...
MAX7044EVKIT MAXIM-MAX7044EVKIT Datasheet
6Mb / 32P
   Single Input Voltage Supply from 2.1V to 3.6V
Rev 3; 6/21
logo
Elite Semiconductor Mem...
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
logo
Maxim Integrated Produc...
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
   Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
logo
Elite Semiconductor Mem...
F59L4G81A ESMT-F59L4G81A Datasheet
1Mb / 54P
   Voltage Supply: 3.3V (2.7V ~ 3.6V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com