Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25D08QA Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # F25D08QA
Description  Fast Read for SPI mode
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25D08QA Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25D08QA_1 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
ESMT
F25D08QA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2013
Revision: 1.1
6/69
STATUS REGISTER
The Software Status Register provides status on whether the
flash memory array is available for any Read or Write operation,
whether the device is Write enabled, and the state of the memory
Write protection. During an internal Erase or Program operation,
the Status Register may be read only to determine the
completion of an operation in progress. Table 2 describes the
function of each bit in the Software Status Register.
Table 2: Software Status Register
Bit
Name
Function
Default at
Power-up
Read/Write
Status Register
0
BUSY
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0
R
1
WEL
1 = Device is memory Write enabled
0 = Device is not memory Write enabled
0
R
2
BP0
Indicate current level of block write protection (See Table 3)
0
R/W
3
BP1
Indicate current level of block write protection (See Table 3)
0
R/W
4
BP2
Indicate current level of block write protection (See Table 3)
0
R/W
5
BP3
Indicate current level of block write protection (See Table 3)
0
R/W
6
QE
1 = Quad enabled
0 = Quad disabled
0
R/W
7
BPL
1 = BP3, BP2,BP1,BP0 are read-only bits
0 = BP3, BP2,BP1,BP0 are read/writable
0
R/W
Note:
1. BUSY and WEL are read only.
2. BP0~3, QE and BPL bits are non-volatile.
Write Enable Latch (WEL)
The Write-Enable-Latch bit indicates the status of the internal
memory Write Enable Latch. If this bit is set to “1”, it indicates the
device is Write enabled. If the bit is set to “0” (reset), it indicates
the device is not Write enabled and does not accept any memory
Write (Program/ Erase) commands. This bit is automatically reset
under the following conditions:
Power-up
Write Disable (WRDI) instruction completion
Page Program instruction completion
Sector Erase instruction completion
Block Erase instruction completion
Chip Erase instruction completion
Write Status Register instruction completion
Signal Block Lock (SBLK) instruction completion
Signal Block Unlock (SBULK) instruction completion
Gang Block Lock (GBLK) instruction completion
Gang Block Unlock (GBULK) instruction completion
Write Security Register (WRSCUR) instruction completion
Write Protect Selection (WPSEL) instruction completion
BUSY
The BUSY bit determines whether there is an internal Erase or
Program operation in progress. A “1” for the BUSY bit indicates
the device is busy with an operation in progress. A “0” indicates
the device is ready for the next valid operation.
Quad Enable (QE)
When the Quad Enable bit is reset to “0” (factory default), WP
and HOLD pins are enabled. When QE pin is set to “1”, Quad
SIO2 and SIO3 are enabled. (The QE should never be set to “1”
during standard and Dual SPI operation if the WP and HOLD
pins are tied directly to the VDD or VSS.). When in QPI mode, QE
bit is not required for setting.


Similar Part No. - F25D08QA_1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25D64QA ESMT-F25D64QA_1 Datasheet
502Kb / 63P
   All Pb-free products are RoHS-Compliant
More results

Similar Description - F25D08QA_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64 ATMEL-AT28C64_14 Datasheet
324Kb / 12P
   Fast Read Access Time
logo
List of Unclassifed Man...
FT25H16 ETC2-FT25H16 Datasheet
1Mb / 48P
   Quad Output Fast Read
logo
ATMEL Corporation
AT28C64X ATMEL-AT28C64X_14 Datasheet
324Kb / 12P
   Fast Read Access Time
logo
STMicroelectronics
STM32F765XX STMICROELECTRONICS-STM32F765XX Datasheet
3Mb / 255P
   Dual mode Quad-SPI
December 2016 Rev 4
logo
Winbond
W25N01GVZEIT-TR WINBOND-W25N01GVZEIT-TR Datasheet
933Kb / 68P
   3V 1G-BIT SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ
logo
STMicroelectronics
STM32F777XX STMICROELECTRONICS-STM32F777XX Datasheet
3Mb / 255P
   Dual mode Quad-SPI
December 2016 Rev 4
STM32F732XX STMICROELECTRONICS-STM32F732XX Datasheet
1Mb / 122P
   Dual mode Quad-SPI
September 2016 Rev 1
logo
Maxim Integrated Produc...
MAXQ1061-KIT MAXIM-MAXQ1061-KIT Datasheet
57Kb / 1P
   Toggle Switches for TLS/AES-SPI Mode and Remote/Local Mode Selection
4-25-2017
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
logo
Pepperl+Fuchs Inc.
U-P6-B5 PF-U-P6-B5 Datasheet
350Kb / 2P
   Base for read/write station
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com