Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1200 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX1200
Description  5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1200 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
+5V Single-Supply, 1Msps, 16-Bit
Self-Calibrating ADC
6
_______________________________________________________________________________________
-150
-105
-120
-135
-90
-75
-60
-45
-30
-15
0
0
200
400
600
TYPICAL FFT, fIN = 504.5MHz,
8192 VALUE RECORD
FREQUENCY (kHz)
65
70
80
75
85
60
1
10
100
1000
SIGNAL-TO-NOISE RATIO
vs. INPUT FREQUENCY
INPUT FREQUENCY (kHz)
AIN = -0.5dBFS
AIN = -6dBFS
AIN = -20dBFS
79
78
80
82
81
83
84
0.1
1
10
SIGNAL-TO-NOISE RATIO PLUS DISTORTION
vs. SAMPLING RATE (fIN = 99.5kHz)
SAMPLE RATE (Msps)
-150
-105
-120
-135
-90
-75
-60
-45
-30
-15
0
0
200
400
600
TYPICAL FFT, fIN = 99.5kHz,
8192 VALUE RECORD
FREQUENCY (kHz)
Typical Operating Characteristics
(AVDD = +5V ±5%, DVDD = DRVDD = +3.3V, VRFPS = +3.5V, VRFNS = +1.5V; VCM = +2.5V, differential input, fCLK = 2.048MHz,
calibrated, TA = +25°C, unless otherwise noted.)
-2.5
-1.5
-2.0
-0.5
-1.0
0.5
0
1.0
2.0
1.5
2.5
-32,768
-16,384
0
16,384
32,768
INTEGRAL NONLINEARITY vs.
TWO’S COMPLEMENT OUTPUT CODE
TWO’S COMPLEMENT OUTPUT CODE
-1.0
-0.6
-0.8
-0.2
-0.4
0.2
0
0.4
0.8
0.6
1.0
-32,768
-16,384
0
16,384
32,768
DIFFERENTIAL NONLINEARITY vs.
TWO’S COMPLEMENT OUTPUT CODE
TWO’S COMPLEMENT OUTPUT CODE
0
20
10
40
30
100
60
50
70
80
90
110
-90
-70 -60 -50
-80
-40
-20
-30
-10
0
INPUT AMPLITUDE (dBFS)
SINGLE-TONE SPURIOUS-FREE DYNAMIC RANGE
vs. INPUT AMPLITUDE (fIN = 99.5kHz)
(dBFS)
(dB)
74
76
80
78
82
84
62
64
68
66
70
72
1
10
100
1000
SIGNAL-TO-NOISE RATIO PLUS DISTORTION
vs. INPUT FREQUENCY
INPUT FREQUENCY (kHz)
AIN = -0.5dBFS
AIN = -6dBFS
AIN = -20dBFS
-87
-85
-83
-81
-79
-77
-91
-93
-89
1
10
100
1000
TOTAL HARMONIC DISTORTION
vs. INPUT FREQUENCY
INPUT FREQUENCY (kHz)
AIN = -0.5dBFS
AIN = -6dBFS
AIN = -20dBFS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn