Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1200 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX1200
Description  5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1200 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
+5V Single-Supply, 1Msps, 16-Bit
Self-Calibrating ADC
_______________________________________________________________________________________
5
__________________________________________Typical Operating Characteristics
__________________________________________Typical Operating Characteristics
(AVDD = +5V ±5%, DVDD = DRVDD = +3.3V, VRFPS = +4.096V, VRFNS = AGND; VCM = +2.048V, differential input, fCLK = 2.048MHz,
calibrated, TA = +25°C, unless otherwise noted.)
-5
5
-3
-4
-2
-1
2
1
0
3
4
-32768
-16384
0
16384
32768
INTEGRAL NONLINEARITY vs.
TWO’S COMPLEMENT OUTPUT CODE
TWO’S COMPLEMENT OUTPUT CODE
-1.0
0
-0.25
-0.50
-0.75
0.25
0.75
0.50
1.0
-32,768
-16,384
0
16,384
32,768
DIFFERENTIAL NONLINEARITY vs.
TWO’S COMPLEMENT OUTPUT CODE
TWO’S COMPLEMENT OUTPUT CODE
30
50
40
80
70
60
110
100
90
120
-80
-50
-40
-70
-60
-30
-20
-10
0
SINGLE-TONE SPURIOUS-FREE DYNAMIC RANGE
vs. INPUT AMPLITUDE (fIN = 99.5kHz)
INPUT AMPLITUDE (dBFS)
(dBFS)
(dBc)
68
72
74
76
78
80
82
84
86
1
10
100
1000
SIGNAL-TO-NOISE RATIO PLUS
DISTORTION vs. INPUT FREQUENCY
INPUT FREQUENCY (kHz)
70
AIN = -0.5dBFS
AIN = -6dBFS
AIN = -20dBFS
-90
-88
-86
-84
-82
-80
-78
-76
-74
1
10
100
1000
TOTAL HARMONIC DISTORTION
vs. INPUT FREQUENCY
INPUT FREQUENCY (kHz)
AIN = -0.5dBFS
AIN = -6dBFS
AIN = -20dBFS
-150
-105
-120
-135
-90
-75
-60
-45
-30
-15
0
0
200
400
600
TYPICAL FFT, fIN = 504.5MHz,
8192 VALUE RECORD
FREQUENCY (kHz)
65
70
80
75
85
90
1
10
100
1000
SIGNAL-TO-NOISE RATIO
vs. INPUT FREQUENCY
INPUT FREQUENCY (kHz)
AIN = -0.5dBFS
AIN = -6dBFS
AIN = -20dBFS
80
81
83
82
84
85
0.1
1
10
SIGNAL-TO-NOISE RATIO PLUS DISTORTION
vs. SAMPLING RATE (fIN = 99.5kHz)
SAMPLE RATE (Msps)
-150
-105
-120
-135
-90
-75
-60
-45
-30
-15
0
0
200
400
600
TYPICAL FFT, fIN = 99.5kHz,
8192 VALUE RECORD
FREQUENCY (kHz)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn