Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1200 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX1200
Description  5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1200 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
+5V Single-Supply, 1Msps, 16-Bit
Self-Calibrating ADC
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +5V ±5%, DVDD = DRVDD = +3.3V, VRFPS = +4.096V, VRFNS = AGND, VCM = +2.048V, VIN = -0.5dBFS, fCLK = 2.048MHz;
digital output load
≤ 20pF; TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
dB
55
Gain
55
Offset
PSRR
Power-Supply Rejection Ratio
sec
0.1
Warm-Up Time
mW
273
377
PDSS
Power Dissipation
10pF loads on D0–D15 and DAV
mA
0.1
0.6
I(DRVDD)
Output Drive Supply Current
V
3DVDD
DRVDD
Output Drive Supply Voltage
V
4.75
5
5.25
AVDD
Analog Supply Voltage
V
3
5.25
DVDD
Digital Supply Voltage
mA
0.4
1.2
I(DVDD)
Digital Supply Current
VRFPS = 4.096V,
VRFNS = AGND
VRFPS = 4.096V,
VRFNS = AGND
VRFPS = 4.096V,
VRFNS = AGND
VRFPS = 4.096V,
VRFNS = AGND
88
Spurious-Free Dynamic Range
(Note 5)
89
SFDR
dB
84
91
81
82
dB
-87
-82
THD
Total Harmonic Distortion
(Note 5)
-86
-85
dB
80
84
SINAD
Signal-to-Noise Ratio plus
Distortion (Note 5)
83
84
dB
83
87
SNR
Signal-to-Noise Ratio
(Note 5)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
mA
51
70
I(AVDD)
Analog Supply Current
VRFPS = 3.5V,
VRFNS = 1.5V
80
81
78
83
VRFPS = 3.5V,
VRFNS = 1.5V
90
91
85
92
VRFPS = 3.5V,
VRFNS = 1.5V
-90
-84
-89
-88
VRFPS = 3.5V,
VRFNS = 1.5V
79.5
80.5
77
82
POWER REQUIREMENTS
fIN = 99.5kHz
fIN = 300.5kHz
fIN = 504.5kHz
fIN = 99.5kHz
fIN = 300.5kHz
fIN = 504.5kHz
fIN = 99.5kHz
fIN = 300.5kHz
fIN = 504.5kHz
fIN = 99.5kHz
fIN = 300.5kHz
fIN = 504.5kHz
fIN = 99.5kHz
fIN = 300.5kHz
fIN = 504.5kHz
fIN = 99.5kHz
fIN = 300.5kHz
fIN = 504.5kHz
fIN = 99.5kHz
fIN = 300.5kHz
fIN = 504.5kHz
fIN = 99.5kHz
fIN = 300.5kHz
fIN = 504.5kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn