Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1200 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX1200
Description  5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1200 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
+5V Single-Supply, 1Msps, 16-Bit
Self-Calibrating ADC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = +5V ±5%, DVDD = DRVDD = +3.3V, VRFPS = +4.096V, VRFNS = AGND, VCM = +2.048V, VIN = -0.5dBFS, fCLK = 2.048MHz;
digital output load
≤ 20pF; TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND, DGND ..........................................................+7V
DVDD to DGND, AGND..........................................................+7V
DRVDD to DGND, AGND .......................................................+7V
INP, INN, RFPF, RFPS,
RFNF, RFNS, CLK, CM..........(AGND - 0.3V) to (AVDD + 0.3V)
Digital Inputs to DGND ............................-0.3V to (DVDD + 0.3V)
Digital Output (DAV) to DGND ..............-0.3V to (DRVDD + 0.3V)
Other Digital Outputs to DGND .............-0.3V to (DRVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
44-Pin MQFP (derate 11.11mW/°C above +70°C).......889mW
Operating Temperature Ranges (TA)
MAX1200_CMH ..................................................0°C to +70°C
MAX1200_EMH................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
To full-scale step (0.006%)
ns
3
tAD
Aperture Delay
ns
450
tOVR
ns
125
tACQ
Acquisition Time
Overvoltage Recovery Time
MHz
3.3
MHz
78
Small-Signal Bandwidth
MAX1200A
After calibration, guaranteed for
MAX1200A only
fSAMPLE = fCLK / 2
LSB
-1
±0.5
+1
DNL
Differential Nonlinearity
LSB
±3.5
INL
Bits
16
RES
Resolution
(No missing codes; Note 5)
Integral Nonlinearity
fSAMPLE
Cycles
4
Conversion Time
(Pipeline Delay/Latency)
Msps
1.024
fSAMPLE
Maximum Sampling Rate
%FSR
-0.2
±0.003
+0.2
Offset Error
%FSR
-5
-3
5
Gain Error
µVRMS
75
Input-Referred Noise
Differential
Single-ended
Per side in track mode
CONDITIONS
±4.096
V
4.096
VIN
Input Voltage Range (Note 2)
700
1000
RREF
Reference Input Resistance
k
55
RI
Input Resistance (Note 3)
pF
21
CI
Input Capacitance
V
4.096
4.5
VREF
Reference Voltage (Note 4)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Full-Power Bandwidth
psRMS
5
tAJ
Aperture Jitter
ANALOG INPUT
EXTERNAL REFERENCE
TRANSFER CHARACTERISTICS
DYNAMIC SPECIFICATIONS (Note 6)
MAX1200B
±0.6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn