Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1198 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX1198
Description  Dual, 8-Bit, 100Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX1198 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1198 Datasheet HTML 2Page - Maxim Integrated Products MAX1198 Datasheet HTML 3Page - Maxim Integrated Products MAX1198 Datasheet HTML 4Page - Maxim Integrated Products MAX1198 Datasheet HTML 5Page - Maxim Integrated Products MAX1198 Datasheet HTML 6Page - Maxim Integrated Products MAX1198 Datasheet HTML 7Page - Maxim Integrated Products MAX1198 Datasheet HTML 8Page - Maxim Integrated Products MAX1198 Datasheet HTML 9Page - Maxim Integrated Products MAX1198 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Dual, 8-Bit, 100Msps, 3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
6
_______________________________________________________________________________________
Note 1: Guaranteed by design. Not subject to production testing.
Note 2: Intermodulation distortion is the total power of the intermodulation products relative to the total input power.
Note 3: Analog attenuation is defined as the amount of attenuation of the fundamental bin from a converted FFT between two
applied input signals with the same magnitude (peak-to-peak) at fIN1 and fIN2.
Note 4: REFIN and REFOUT should be bypassed to GND with a 0.1µF (min) and 2.2µF (typ) capacitor.
Note 5: REFP, REFN, and COM should be bypassed to GND with a 0.1µF (min) and 2.2µF (typ) capacitor.
Note 6: Typical analog output current at fINA & B = 20MHz. For digital output currents vs. analog input frequency,
see Typical Operating Characteristics.
Note 7: See Figure 3 for detailed system timing diagrams. Clock to data valid timing is measured from 50% of the clock
level to 50% of the data output level.
Note 8: Crosstalk rejection is tested by applying a test tone to one channel and holding the other channel at DC level.
Crosstalk is measured by calculating the power ratio of the fundamental of each channel’s FFT.
Note 9: Amplitude matching is measured by applying the same signal to each channel and comparing the magnitude of the funda-
mental of the calculated FFT.
Note 10: Phase matching is measured by applying the same signal to each channel and comparing the phase of the fundamental
of the calculated FFT. The data from both ADC channels must be captured simultaneously during this test.
Note 11: SINAD settles to within 0.5dB of its typical value in unbuffered external reference mode.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Wake up from sleep mode
1
Wake-Up Time
tWAKE
Wake up from shutdown mode (Note 11)
20
µs
CHANNEL-TO-CHANNEL MATCHING
Crosstalk
fINA or B = 20MHz at -1dB FS (Note 8)
-72
dB
Gain Matching
fINA or B = 20MHz at -1dB FS (Note 9)
0.05
dB
Phase Matching
fINA or B = 20MHz at -1dB FS (Note 10)
±0.1
Degrees
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V, OVDD = 2.5V, 0.1µF and 2.2µF capacitors from REFP, REFN, and COM to GND; REFOUT connected to REFIN through a
10k
Ω resistor, VIN = 2VP-P (differential with respect to COM), CL = 10pF at digital outputs, fCLK = 100MHz, TA = TMIN to TMAX, unless
otherwise noted.
≥+25°C guaranteed by production test, <+25°C guaranteed by design and characterization. Typical values are at
TA = +25°C.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn