Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1198 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX1198
Description  Dual, 8-Bit, 100Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX1198 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1198 Datasheet HTML 1Page - Maxim Integrated Products MAX1198 Datasheet HTML 2Page - Maxim Integrated Products MAX1198 Datasheet HTML 3Page - Maxim Integrated Products MAX1198 Datasheet HTML 4Page - Maxim Integrated Products MAX1198 Datasheet HTML 5Page - Maxim Integrated Products MAX1198 Datasheet HTML 6Page - Maxim Integrated Products MAX1198 Datasheet HTML 7Page - Maxim Integrated Products MAX1198 Datasheet HTML 8Page - Maxim Integrated Products MAX1198 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Dual, 8-Bit, 100Msps, 3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Reference Output
Voltage Range
∆VREF
∆VREF = VREFP - VREFN
1.024
±3%
V
Reference Temperature
Coefficient
TCREF
±100
ppm/°C
BUFFERED EXTERNAL REFERENCE (VREFIN = 2.048V)
Positive Reference Output
Voltage
VREFP
(Note 5)
2.162
V
Negative Reference Output
Voltage
VREFN
(Note 5)
1.138
V
Common-Mode Level
VCOM
(Note 5)
VDD / 2
±0.1
V
Differential Reference Output
Voltage Range
∆VREF
∆VREF = VREFP - VREFN
1.024
±2%
V
REFIN Resistance
RREFIN
>50
M
Maximum REFP, COM Source
Current
ISOURCE
5mA
Maximum REFP, COM Sink
Current
ISINK
-250
µA
Maximum REFN Source Current
ISOURCE
250
µA
Maximum REFN Sink Current
ISINK
-5mA
UNBUFFERED EXTERNAL REFERENCE (VREFIN = AGND, reference voltage applied to REFP, REFN, and COM)
REFP, REFN Input Resistance
RREFP,
RREFN
Measured between REFP, COM, REFN,
and COM
4k
REFP, REFN, COM Input
Capacitance
CIN
15
pF
Differential Reference Input
Voltage Range
∆VREF
∆VREF = VREFP - VREFN
1.024
±10%
V
COM Input Voltage Range
VCOM
VDD / 2
±5%
V
REFP Input Voltage
VREFP
VCOM +
∆VREF / 2
V
REFN Input Voltage
VREFN
VCOM -
∆VREF / 2
V
DIGITAL INPUTS (CLK, PD,
OE, SLEEP, T/B)
CLK
0.8
×
VDD
Input High Threshold
VIH
PD,
OE, SLEEP, T/B
0.8
×
OVDD
V
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V, OVDD = 2.5V, 0.1µF and 2.2µF capacitors from REFP, REFN, and COM to GND; REFOUT connected to REFIN through a
10k
Ω resistor, VIN = 2VP-P (differential with respect to COM), CL = 10pF at digital outputs, fCLK = 100MHz, TA = TMIN to TMAX, unless
otherwise noted.
≥+25°C guaranteed by production test, <+25°C guaranteed by design and characterization. Typical values are at
TA = +25°C.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn