Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1198 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX1198
Description  Dual, 8-Bit, 100Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1198 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1198 Datasheet HTML 1Page - Maxim Integrated Products MAX1198 Datasheet HTML 2Page - Maxim Integrated Products MAX1198 Datasheet HTML 3Page - Maxim Integrated Products MAX1198 Datasheet HTML 4Page - Maxim Integrated Products MAX1198 Datasheet HTML 5Page - Maxim Integrated Products MAX1198 Datasheet HTML 6Page - Maxim Integrated Products MAX1198 Datasheet HTML 7Page - Maxim Integrated Products MAX1198 Datasheet HTML 8Page - Maxim Integrated Products MAX1198 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Dual, 8-Bit, 100Msps, 3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V, OVDD = 2.5V, 0.1µF and 2.2µF capacitors from REFP, REFN, and COM to GND; REFOUT connected to REFIN through a
10k
Ω resistor, VIN = 2VP-P (differential with respect to COM), CL = 10pF at digital outputs, fCLK = 100MHz, TA = TMIN to TMAX, unless
otherwise noted.
≥+25°C guaranteed by production test, <+25°C guaranteed by design and characterization. Typical values are at
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fINA or B = 7.5MHz at -1dB FS
48.3
fINA or B = 20MHz at -1dB FS
46.5
48.2
fINA or B = 50MHz at -1dB FS
48.1
Signal-to-Noise and Distortion
SINAD
fINA or B = 115.1MHz at -1dB FS
48
dB
fINA or B = 7.5MHz at -1dB FS
67
fINA or B = 20MHz at -1dB FS
60
67
fINA or B = 50MHz at -1dB FS
66
Spurious-Free Dynamic Range
SFDR
fINA or B = 115.1MHz at -1dB FS
65
dBc
fINA or B = 7.5MHz at -1dB FS
-67
fINA or B = 20MHz at -1dB FS
-67
fINA or B = 50MHz at -1dB FS
-67
Third-Harmonic Distortion
HD3
fINA or B = 115.1MHz at -1dB FS
-66
dBc
Intermodulation Distortion
(First Five Odd-Order IMDs)
IMD
fIN1(A or B) = 1.989MHz at -7dB FS
fIN2(A or B) = 2.038MHz at -7dB FS
(Note 2)
-69.5
dBc
Third-Order Intermodulation
Distortion
IM3
fIN1(A or B) = 1.989MHz at -7dB FS
fIN2(A or B) = 2.038MHz at -7dB FS
(Note 2)
-80
dBc
fINA or B = 7.5MHz at -1dB FS
-66
fINA or B = 20MHz at -1dB FS
-67
-57
fINA or B = 50MHz at -1dB FS
-64
Total Harmonic Distortion
(First Four Harmonics)
THD
fINA or B = 115.1MHz at -1dB FS
-58
dBc
Small-Signal Bandwidth
Input at -20dB FS, differential inputs
500
MHz
Full-Power Bandwidth
FPBW
Input at -1dB FS, differential inputs
400
MHz
Gain Flatness
(12MHz Spacing)
fIN1(A or B) = 106MHz at -1dB FS
fIN2(A or B) = 118MHz at -1dB FS
(Note 3)
0.05
dB
Aperture Delay
tAD
1ns
Aperture Jitter
tAJ
1dB SNR degradation at Nyquist
2
psRMS
Overdrive Recovery Time
For 1.5
× full-scale input
2
ns
INTERNAL REFERENCE (REFIN = REFOUT through 10k
Ω resistor; REFP, REFN, and COM levels are generated internally.)
Reference Output Voltage
VREFOUT
(Note 4)
2.048
±3%
V
Positive Reference Output
Voltage
VREFP
(Note 5)
2.162
V
Negative Reference Output
Voltage
VREFN
(Note 5)
1.138
V
Common-Mode Level
VCOM
(Note 5)
VDD / 2
±0.1
V


Similar Part No. - MAX1198

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1198 MAXIM-MAX1198 Datasheet
563Kb / 22P
   Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
MAX1198 MAXIM-MAX1198 Datasheet
516Kb / 10P
   Low-Voltage and Low-Power Operation
MAX1198EVKIT MAXIM-MAX1198EVKIT Datasheet
516Kb / 10P
   Low-Voltage and Low-Power Operation
More results

Similar Description - MAX1198

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1180 MAXIM-MAX1180 Datasheet
573Kb / 20P
   Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
19-2097; Rev 0; 7/01
MAX1190 MAXIM-MAX1190 Datasheet
739Kb / 21P
   Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/02
MAX1190 MAXIM-MAX1190_V01 Datasheet
427Kb / 22P
   Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1195 MAXIM-MAX1195 Datasheet
563Kb / 22P
   Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz