Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1196 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX1196
Description  Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX1196 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1196 Datasheet HTML 1Page - Maxim Integrated Products MAX1196 Datasheet HTML 2Page - Maxim Integrated Products MAX1196 Datasheet HTML 3Page - Maxim Integrated Products MAX1196 Datasheet HTML 4Page - Maxim Integrated Products MAX1196 Datasheet HTML 5Page - Maxim Integrated Products MAX1196 Datasheet HTML 6Page - Maxim Integrated Products MAX1196 Datasheet HTML 7Page - Maxim Integrated Products MAX1196 Datasheet HTML 8Page - Maxim Integrated Products MAX1196 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Dual 8-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Multiplexed Parallel Outputs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = OVDD = 3V, 0.1µF and 2.2µF capacitors from REFP, REFN, and COM to GND; REFOUT connected to REFIN through a 10k
resistor, VIN = 2VP-P (differential with respect to COM), CL = 10pF at digital outputs (Note 5), fCLK = 40MHz, TA = TMIN to TMAX,
unless otherwise noted.
≥+25°C guaranteed by production test, <+25°C guaranteed by design and characterization. Typical values
are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BUFFERED EXTERNAL REFERENCE (VREFIN = 2.048V)
Positive Reference Output
Voltage
VREFP
(Note 5)
2.012
V
Negative Reference Output
Voltage
VREFN
(Note 5)
0.988
V
Common-Mode Level
VCOM
(Note 5)
VDD / 2
±0.1
V
Differential Reference Output
Voltage Range
∆VREF
∆VREF = VREFP - VREFN
1.024
±2%
V
REFIN Resistance
RREFIN
>50
M
Maximum REFP, COM Source
Current
ISOURCE
5mA
Maximum REFP, COM Sink Current
ISINK
-250
µA
Maximum REFN Source Current
ISOURCE
250
µA
Maximum REFN Sink Current
ISINK
-5
mA
UNBUFFERED EXTERNAL REFERENCE (VREFIN = AGND, reference voltage applied to REFP, REFN, and COM)
REFP, REFN Input Resistance
RREFP,
RREFN
Measured between REFP and REFN
4
k
REFP, REFN, COM Input
Capacitance
CIN
15
pF
Differential Reference Input
Voltage Range
∆VREF
∆VREF = VREFP - VREFN
1.024
±10%
V
COM Input Voltage Range
VCOM
VDD / 2
±5%
V
REFP Input Voltage
VREFP
VCOM +
∆VREF / 2
V
REFN Input Voltage
VREFN
VCOM -
∆VREF / 2
V
DIGITAL INPUTS (CLK, PD, OE, SLEEP, T/B)
CLK
0.8
×
VDD
Input High Threshold
VIH
PD, OE, SLEEP, T/B
0.8
×
OVDD
V
CLK
0.2
×
VDD
Input Low Threshold
VIL
PD, OE, SLEEP, T/B
0.2
×
OVDD
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn