Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1196 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX1196
Description  Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX1196 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1196 Datasheet HTML 1Page - Maxim Integrated Products MAX1196 Datasheet HTML 2Page - Maxim Integrated Products MAX1196 Datasheet HTML 3Page - Maxim Integrated Products MAX1196 Datasheet HTML 4Page - Maxim Integrated Products MAX1196 Datasheet HTML 5Page - Maxim Integrated Products MAX1196 Datasheet HTML 6Page - Maxim Integrated Products MAX1196 Datasheet HTML 7Page - Maxim Integrated Products MAX1196 Datasheet HTML 8Page - Maxim Integrated Products MAX1196 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Dual 8-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Multiplexed Parallel Outputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = OVDD = 3V, 0.1µF and 2.2µF capacitors from REFP, REFN, and COM to GND; REFOUT connected to REFIN through a 10k
resistor, VIN = 2VP-P (differential with respect to COM), CL = 10pF at digital outputs (Note 5), fCLK = 40MHz, TA = TMIN to TMAX,
unless otherwise noted.
≥+25°C guaranteed by production test, <+25°C guaranteed by design and characterization. Typical values
are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fINA or B = 2MHz at -1dB FS
69
fINA or B = 7.5MHz at -1dB FS
70
fINA or B = 20MHz at -1dB FS
60
68.9
Spurious-Free Dynamic Range
SFDR
fINA or B = 101MHz at -1dB FS
65
dBc
fINA or B = 2MHz at -1dB FS
-72
fINA or B = 7.5MHz at -1dB FS
-73.7
fINA or B = 20MHz at -1dB FS
-75
Third-Harmonic Distortion
HD3
fINA or B = 101MHz at -1dB FS
-67
dBc
fIN1(A or B) = 1.997MHz at -7dB FS,
Intermodulation Distortion
(First Five Odd-Order IMDs) (Note 2)
IMD
fIN2(A or B) = 2.046MHz at -7dB FS
-68
dBc
fIN1(A or B) = 1.997MHz at -7dB FS,
Third-Order Intermodulation
Distortion (Note 2)
IM3
fIN2(A or B) = 2.046MHz at -7dB FS
-73.2
dBc
fINA or B = 2MHz at -1dB FS
-70
fINA or B = 7.5MHz at -1dB FS
-69
fINA or B = 20MHz at -1dB FS
-69
-57
Total Harmonic Distortion
(First Four Harmonics)
THD
fINA or B = 101MHz at -1dB FS
-63
dBc
Small-Signal Bandwidth
Input at -20dB FS, differential inputs
500
MHz
Full-Power Bandwidth
FPBW
Input at -1dB FS, differential inputs
400
MHz
fIN1(A or B) = 106MHz at -1dB FS,
Gain Flatness (12MHz Spacing)
(Note 3)
fIN2(A or B) = 118MHz at -1dB FS
0.05
dB
Aperture Delay
tAD
1ns
Aperture Jitter
tAJ
1dB SNR degradation at Nyquist
2
psRMS
Overdrive Recovery Time
For 1.5
× full-scale input
2
ns
INTERNAL REFERENCE (REFIN = REFOUT through 10k
Ω resistor; REFP, REFN, and COM levels are generated internally.)
Reference Output Voltage
VREFOUT
(Note 4)
2.048
±3%
V
Positive Reference Output
Voltage
VREFP
(Note 5)
2.012
V
Negative Reference Output
Voltage
VREFN
(Note 5)
0.988
V
Common-Mode Level
VCOM
(Note 5)
VDD / 2
± 0.1
V
Differential Reference Output
Voltage Range
∆VREF
∆VREF = VREFP - VREFN
1.024
±3%
V
Reference Temperature
Coefficient
TCREF
±100
ppm/
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn