Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1196 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part No. MAX1196
Description  Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1196 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1196 Datasheet HTML 13Page - Maxim Integrated Products MAX1196 Datasheet HTML 14Page - Maxim Integrated Products MAX1196 Datasheet HTML 15Page - Maxim Integrated Products MAX1196 Datasheet HTML 16Page - Maxim Integrated Products MAX1196 Datasheet HTML 17Page - Maxim Integrated Products MAX1196 Datasheet HTML 18Page - Maxim Integrated Products MAX1196 Datasheet HTML 19Page - Maxim Integrated Products MAX1196 Datasheet HTML 20Page - Maxim Integrated Products MAX1196 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Dual 8-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Multiplexed Parallel Outputs
______________________________________________________________________________________
17
In general, the MAX1196 provides better SFDR and
THD with fully differential input signals than single-
ended drive, especially for very high input frequencies.
In differential input mode, even-order harmonics are
lower as both inputs (INA+, INA- and/or INB+, INB-) are
balanced, and each of the ADC inputs only requires
half the signal swing compared to single-ended mode.
Single-Ended AC-Coupled Input Signal
Figure 7 shows an AC-coupled, single-ended applica-
tion. Amplifiers like the MAX4108 provide high speed,
high bandwidth, low noise, and low distortion to main-
tain the integrity of the input signal.
Buffered External Reference Drives
Multiple ADCs
Multiple-converter systems based on the MAX1196 are
well suited for use with a common reference voltage.
The REFIN pin of those converters can be connected
directly to an external reference source.
A precision bandgap reference like the MAX6062 gen-
erates an external DC level of 2.048V (Figure 8), and
exhibits a noise voltage density of 150nV/
√Hz. Its out-
put passes through a one-pole lowpass filter (with 10Hz
cutoff frequency) to the MAX4250, which buffers the
reference before its output is applied to a second 10Hz
lowpass filter. The MAX4250 provides a low offset volt-
age (for high gain accuracy) and a low noise level. The
passive 10Hz filter following the buffer attenuates noise
MAX1196
T1
N.C.
VIN
6
1
5
2
4
3
22pF
22pF
0.1
µF
0.1
µF
2.2
µF
25
25
MINICIRCUITS
TT1-6-KK81
T1
N.C.
VIN
6
1
5
2
4
3
22pF
22pF
0.1
µF
0.1
µF
2.2
µF
25
25
MINICIRCUITS
TT1-6-KK81
INA-
INA+
INB-
INB+
COM
Figure 6. Transformer-Coupled Input Drive
MAX1196
0.1
µF
1k
1k
100
100
CIN
22pF
CIN
22pF
INB+
INB-
COM
INA+
INA-
0.1
µF
RISO
50
RISO
50
REFP
REFN
VIN
MAX4108
0.1
µF
1k
1k
100
100
CIN
22pF
CIN
22pF
0.1
µF
RISO
50
RISO
50
REFP
REFN
VIN
MAX4108
Figure 7. Using an Op Amp for Single-Ended, AC-Coupled
Input Drive


Similar Part No. - MAX1196

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
563Kb / 22P
   Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
MAX1196 MAXIM-MAX1196 Datasheet
516Kb / 10P
   Low-Voltage and Low-Power Operation
Rev 0; 8/02
MAX11960 MAXIM-MAX11960 Datasheet
7Mb / 34P
   FMC Connector for Interface
Rev 0; 3/16
MAX11960 MAXIM-MAX11960 Datasheet
3Mb / 31P
   Dual Simultaneous Sampling, 20-Bit, 1Msps, Differential SAR ADC
2016
MAX11960ETJ++ MAXIM-MAX11960ETJ+ Datasheet
3Mb / 31P
   Dual Simultaneous Sampling, 20-Bit, 1Msps, Differential SAR ADC
2016
More results

Similar Description - MAX1196

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1195 MAXIM-MAX1195 Datasheet
563Kb / 22P
   Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1185 MAXIM-MAX1185_11 Datasheet
359Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz