Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1196 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1196
Description  Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1196 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1196 Datasheet HTML 6Page - Maxim Integrated Products MAX1196 Datasheet HTML 7Page - Maxim Integrated Products MAX1196 Datasheet HTML 8Page - Maxim Integrated Products MAX1196 Datasheet HTML 9Page - Maxim Integrated Products MAX1196 Datasheet HTML 10Page - Maxim Integrated Products MAX1196 Datasheet HTML 11Page - Maxim Integrated Products MAX1196 Datasheet HTML 12Page - Maxim Integrated Products MAX1196 Datasheet HTML 13Page - Maxim Integrated Products MAX1196 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Dual 8-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Multiplexed Parallel Outputs
10
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = OVDD = 3V, VREFIN = 2.048V, differential input at -1dB FS, fCLK = 40MHz, CL
≈ 10pF, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
1
COM
Common-Mode Voltage Input/Output. Bypass to GND with a
≥0.1µF capacitor.
2, 6, 11, 14, 15
VDD
Analog Supply Voltage. Bypass to GND with a capacitor combination of 2.2µF in parallel with 0.1µF.
3, 7, 10, 13, 16
GND
Analog Ground
4
INA+
Channel ‘A’ Positive Analog Input. For single-ended operation, connect signal source to INA+.
5
INA-
Channel ‘A’ Negative Analog Input. For single-ended operation, connect INA- to COM.
8
INB-
Channel ‘B’ Negative Analog Input. For single-ended operation, connect INB- to COM.
9
INB+
Channel ‘B’ Positive Analog Input. For single-ended operation, connect signal source to INB+.
12
CLK
Converter Clock Input
INTERNAL REFERENCE VOLTAGE
vs. ANALOG SUPPLY VOLTAGE
VDD (V)
3.45
3.30
3.15
3.00
2.85
2.0304
2.0308
2.0312
2.0316
2.0320
2.0324
2.0300
2.70
3.60
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
2.024
2.028
2.032
2.036
2.040
2.020
-40
85
SNR/SINAD, THD/SFDR
vs. SAMPLING SPEED
SAMPLING SPEED (Msps)
50
40
30
20
10
-80
-60
-40
-20
0
20
40
60
80
100
-100
060
THD
SINAD
SNR
SFDR
fIN = 20MHz
ANALOG SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
26
27
28
29
30
31
32
33
25
-40
85
DIGITAL SUPPLY CURRENT
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
16
12
8
4
4
5
6
7
8
3
020


Similar Part No. - MAX1196

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
563Kb / 22P
   Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
MAX1196 MAXIM-MAX1196 Datasheet
516Kb / 10P
   Low-Voltage and Low-Power Operation
Rev 0; 8/02
MAX11960 MAXIM-MAX11960 Datasheet
7Mb / 34P
   FMC Connector for Interface
Rev 0; 3/16
MAX11960 MAXIM-MAX11960 Datasheet
3Mb / 31P
   Dual Simultaneous Sampling, 20-Bit, 1Msps, Differential SAR ADC
2016
MAX11960ETJ++ MAXIM-MAX11960ETJ+ Datasheet
3Mb / 31P
   Dual Simultaneous Sampling, 20-Bit, 1Msps, Differential SAR ADC
2016
More results

Similar Description - MAX1196

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1195 MAXIM-MAX1195 Datasheet
563Kb / 22P
   Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1185 MAXIM-MAX1185_11 Datasheet
359Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com