![]() |
Electronic Components Datasheet Search |
|
MAX1196 Datasheet(PDF) 1 Page - Maxim Integrated Products |
|
MAX1196 Datasheet(HTML) 1 Page - Maxim Integrated Products |
1 / 23 page ![]() General Description The MAX1196 is a 3V, dual 8-bit analog-to-digital con- verter (ADC) featuring fully differential wideband track- and-hold (T/H) inputs, driving two ADCs. The MAX1196 is optimized for low power, small size, and high-dynamic performance for applications in imaging, instrumenta- tion, and digital communications. This ADC operates from a single 2.7V to 3.6V supply, consuming only 87mW while delivering a typical signal-to-noise and dis- tortion (SINAD) of 48.4dB at an input frequency of 20MHz and a sampling rate of 40Msps. The T/H driven input stages incorporate 400MHz (-3dB) input ampli- fiers. The converters can also be operated with single- ended inputs. In addition to low operating power, the MAX1196 features a 3mA sleep mode as well as a 0.1µA power-down mode to conserve power during idle periods. An internal 2.048V precision bandgap reference sets the full-scale range of the ADC. A flexible reference structure allows the use of this internal or an externally applied reference, if desired for applications requiring increased accuracy or a different input voltage range. The MAX1196 features parallel, multiplexed, CMOS- compatible three-state outputs. The digital output format can be set to two’s complement or straight offset binary through a single control pin. The device provides for a separate output power supply of 1.7V to 3.6V for flexible interfacing. The MAX1196 is available in a 7mm × 7mm, 48-pin TQFP package, and is specified for the extended industrial (-40°C to +85°C) temperature range. Pin-compatible, nonmultiplexed higher speed versions of the MAX1196 are also available. Refer to the MAX1198 data sheet for 100Msps, the MAX1197 data sheet for 60Msps, and the MAX1195 data sheet for 40Msps. For a 10-bit, pin-compatible upgrade, refer to the MAX1186 data sheet. With the N.C. pins of the MAX1196 internally pulled down to ground, this ADC becomes a drop-in replacement for the MAX1186. Applications Baseband I/Q Sampling Multichannel IF Sampling Ultrasound and Medical Imaging Battery-Powered Instrumentation WLAN, WWAN, WLL, MMDS Modems Set-Top Boxes VSAT Terminals Features o Single 2.7V to 3.6V Operation o Excellent Dynamic Performance 48.4dB/44.7dB SINAD at fIN = 20MHz/200MHz 68.9dB/53dBc SFDR at fIN = 20MHz/200MHz o -72dB Interchannel Crosstalk at fIN = 20MHz o Low Power 87mW (Normal Operation) 9mW (Sleep Mode) 0.3µW (Shutdown Mode) o 0.05dB Gain and ±0.05° Phase Matching o Wide ±1VP-P Differential Analog Input Voltage Range o 400MHz -3dB Input Bandwidth o On-Chip 2.048V Precision Bandgap Reference o User-Selectable Output Format—Two’s Complement or Offset Binary o Pin-Compatible 8-Bit and 10-Bit Upgrades Available Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs ________________________________________________________________ Maxim Integrated Products 1 N.C. N.C. OGND OVDD OVDD OGND A/B N.C. N.C. N.C. N.C. N.C. COM VDD GND INA+ INA- VDD GND INB- INB+ GND VDD CLK 1 2 3 4 5 6 7 8 9 10 11 12 36 35 34 33 32 31 30 29 28 27 26 25 TQFP-EP MAX1196 PART TEMP RANGE PIN-PACKAGE MAX1196ECM -40 °C to +85°C 48 TQFP-EP* Pin Configuration Ordering Information 19-2600; Rev 0; 9/02 For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com. *EP = Exposed pad. Functional Diagram appears at end of data sheet. |
Similar Part No. - MAX1196 |
|
Similar Description - MAX1196 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |
allmanual.com |