Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1196 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part No. MAX1196
Description  Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1196 Datasheet(HTML) 8 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Dual 8-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Multiplexed Parallel Outputs
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = OVDD = 3V, VREFIN = 2.048V, differential input at -1dB FS, fCLK = 40MHz, CL
≈ 10pF, TA = +25°C, unless otherwise noted.)
TWO-TONE IMD PLOT
(DIFFERENTIAL INPUT, 8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
12
11
10
9
8
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
713
fCLK = 40.001536MHz
fIN1 = 9.95643MHz
fIN2 = 10.024799MHz
AIN = -7dB FS
COHERENT SAMPLING
fIN1
fIN2
SIGNAL-TO-NOISE RATIO
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
160
120
80
40
45
46
47
48
49
50
44
0
200
CHA
CHB
SIGNAL-TO-NOISE + DISTORTION
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
160
120
80
40
44
45
46
47
48
49
50
43
0
200
CHA
CHB
TOTAL HARMONIC DISTORTION
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
160
120
80
40
-78
-68
-58
-48
-38
-88
0
200
CHB
CHA
SPURIOUS-FREE DYNAMIC RANGE
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
160
120
80
40
50
60
70
80
90
40
0
200
CHA
CHB
1
10
100
1000
FULL-POWER INPUT BANDWIDTH
vs. ANALOG INPUT FREQUENCY, DIFFERENTIAL
ANALOG INPUT FREQUENCY (MHz)
2
-4
-3
-2
-1
0
1
1
10
100
1000
SMALL-SIGNAL INPUT BANDWIDTH
vs. ANALOG INPUT FREQUENCY, DIFFERENTIAL
ANALOG INPUT FREQUENCY (MHz)
2
-4
-3
-2
-1
0
1
VIN = 100mVP-P
SIGNAL-TO-NOISE RATIO
vs. INPUT POWER (fIN = 19.88798MHz)
INPUT POWER (dB FS)
-4
-8
-12
-16
30
35
40
45
50
55
25
-20
0
SIGNAL-TO-NOISE + DISTORTION
vs. INPUT POWER (fIN = 19.88798MHz)
INPUT POWER (dB FS)
-4
-8
-12
-16
30
35
40
45
50
55
25
-20
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn