Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1180 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX1180
Description  Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1180 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1180 Datasheet HTML 2Page - Maxim Integrated Products MAX1180 Datasheet HTML 3Page - Maxim Integrated Products MAX1180 Datasheet HTML 4Page - Maxim Integrated Products MAX1180 Datasheet HTML 5Page - Maxim Integrated Products MAX1180 Datasheet HTML 6Page - Maxim Integrated Products MAX1180 Datasheet HTML 7Page - Maxim Integrated Products MAX1180 Datasheet HTML 8Page - Maxim Integrated Products MAX1180 Datasheet HTML 9Page - Maxim Integrated Products MAX1180 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Dual 10-Bit, 105Msps, +3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = +3.3V, OVDD = +2.5V, internal reference, differential input at -0.5dB FS, fCLK = 105.0005678MHz, CL
≈ 10pF. TA = +25°C,
unless otherwise noted.)
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
020
10
30
40
50
60
FFT PLOT CHA (8192-POINT RECORD,
DIFFERENTIAL INPUT)
ANALOG INPUT FREQUENCY (MHz)
CHA
fINA = 6.242099MHz
fINB = 7.523844MHz
fCLK = 105.00057MHz
AINA = -0.52dB FS
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
020
10
30
40
50
60
FFT PLOT CHB (8192-POINT RECORD,
DIFFERENTIAL INPUT)
ANALOG INPUT FREQUENCY (MHz)
CHB
fINA = 6.242099MHz
fINB = 7.523844MHz
fCLK = 105.00057MHz
AINB = -0.48dB FS
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
020
10
30
40
50
60
FFT PLOT CHA (8192-POINT RECORD,
DIFFERENTIAL INPUT)
ANALOG INPUT FREQUENCY (MHz)
CHA
fINA = 20.084947MHz
fINB = 25.006849MHz
fCLK = 105.00057MHz
AINA = -0.54dB FS
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
020
10
30
40
50
60
FFT PLOT CHB (8192-POINT RECORD,
DIFFERENTIAL INPUT)
ANALOG INPUT FREQUENCY (MHz)
CHB
fINA = 20.084947MHz
fINB = 25.006849MHz
fCLK = 105.00057MHz
AINA = -0.54dB FS
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
020
10
30
40
50
60
FFT PLOT CHA (8192-POINT RECORD,
DIFFERENTIAL INPUT)
ANALOG INPUT FREQUENCY (MHz)
CHA
fINA = 52.23259MHz
fINB = 57.050479MHz
fCLK = 105.00057MHz
AINA = -0.47dB FS
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
020
10
30
40
50
60
FFT PLOT CHB (8192-POINT RECORD,
DIFFERENTIAL INPUT)
ANALOG INPUT FREQUENCY (MHz)
CHB
fINA = 52.23259MHz
fINB = 57.050479MHz
fCLK = 105.00057MHz
AINB = -0.47dB FS
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
020
10
30
40
50
60
TWO-TONE IMD PLOT (8192-POINT
RECORD, DIFFERENTIAL INPUT)
ANALOG INPUT FREQUENCY (MHz)
fIN1
fINA = 38.055015MHz
fINB = 41.925886MHz
fCLK = 105.00057MHz
AIN = -6.5dB FS
TWO-TONE
ENVELOPE = -0.51dB FS
fIN2
2ND ORDER
IMD
3RD ORDER
IMD
3RD ORDER
IMD
60
54
110
100
SIGNAL-TO-NOISE RATIO vs.
ANALOG INPUT FREQUENCY
55
ANALOG INPUT FREQUENCY (MHz)
56
57
58
59
CHB
CHA
DIFFERENTIAL INPUT CONFIGURATION
61
53
1
10
100
SIGNAL-TO-NOISE + DISTORTION vs.
ANALOG INPUT FREQUENCY
55
ANALOG INPUT FREQUENCY (MHz)
57
59
DIFFERENTIAL INPUT CONFIGURATION
CHB
CHA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn