Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1180 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX1180
Description  Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1180 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Dual 10-Bit, 105Msps, +3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +3.3V, OVDD = +2.5V; 0.1µF and 1.0µF capacitors from REFP, REFN, and COM to GND; REFOUT connected to REFIN
through a 10k
Ω resistor, VIN = 2Vp-p (differential w.r.t. COM), CL = 10pF at digital outputs (Note 5), fCLK = 105.263MHz, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Intermodulation Distortion
(first five odd-order IMDs)
IMD
fINA or B = 38.055MHz at -6.5dB FS
fINA or B = 42.926MHz at -6.5dB FS
(Note 2)
-74
dBc
fINA or B = 7.47MHz, TA = +25
°C
-71
fINA or B = 20MHz, TA = +25
°C
-70
-59
Total Harmonic Distortion
(first five harmonics)
THD
fINA or B = 50.078MHz, (Note 1)
-69
dBc
Small-Signal Bandwidth
Input at -20dB FS, differential inputs
500
MHz
Full-Power Bandwidth
FPBW
Input at -0.5dB FS, differential inputs
400
MHz
Aperture Delay
tAD
1ns
Aperture Jitter
tAJ
2psRMS
Overdrive Recovery Time
For 1.5 full-scale input
2
ns
Differential Gain
±1%
Differential Phase
±0.25
degrees
Output Noise
INA+ = INA- = INB+ = INB- = COM
0.2
LSBRMS
INTERNAL REFERENCE
Reference Output Voltage
REFOUT
2.048
±3%
V
Reference Temperature
Coefficient
TCREF
60
ppm/°C
Load Regulation
1.25
mV/mA
BUFFERED EXTERNAL REFERENCE (VREFIN = +2.048V)
REFIN Input Voltage
VREFIN
2.048
V
Positive Reference Output
Voltage
VREFP
2.162
V
Negative Reference Output
Voltage
VREFN
1.138
V
Differential Reference Output
Voltage Range
∆VREF
∆VREF = VREFP - VREFN
0.98
1.024
1.07
V
REFIN Resistance
RREFIN
>50
M
Maximum REFP, COM Source
Current
ISOURCE
5mA
Maximum REFP, COM Sink
Current
ISINK
-250
µA
Maximum REFN Source Current
ISOURCE
250
µA
Maximum REFN Sink Current
ISINK
-5
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn