Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1180 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX1180
Description  Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1180 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1180 Datasheet HTML 1Page - Maxim Integrated Products MAX1180 Datasheet HTML 2Page - Maxim Integrated Products MAX1180 Datasheet HTML 3Page - Maxim Integrated Products MAX1180 Datasheet HTML 4Page - Maxim Integrated Products MAX1180 Datasheet HTML 5Page - Maxim Integrated Products MAX1180 Datasheet HTML 6Page - Maxim Integrated Products MAX1180 Datasheet HTML 7Page - Maxim Integrated Products MAX1180 Datasheet HTML 8Page - Maxim Integrated Products MAX1180 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Dual 10-Bit, 105Msps, +3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +3.3V, OVDD = +2.5V; 0.1µF and 1.0µF capacitors from REFP, REFN, and COM to GND; REFOUT connected to REFIN
through a 10k
Ω resistor, VIN = 2Vp-p (differential w.r.t. COM), CL = 10pF at digital outputs (Note 5), fCLK = 105.263MHz, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD, OVDD to GND ...............................................-0.3V to +3.6V
OGND to GND.......................................................-0.3V to +0.3V
INA+, INA-, INB+, INB- to GND ...............................-0.3V to VDD
REFIN, REFOUT, REFP, REFN, CLK,
COM to GND ............................................-0.3V to (VDD + 0.3V)
OE, PD, SLEEP, T/B, D9A–D0A,
D9B–D0B to OGND ................................-0.3V to (OVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
48-Pin TQFP (derate 12.5mW/°C above +70°C).........1000mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
10
Bits
Integral Nonlinearity
INL
fIN = 7.47MHz
±0.75
±2.5
LSB
Differential Nonlinearity
DNL
fIN = 7.47MHz, no missing codes guaranteed
-1
±0.4
+1.5
LSB
Offset Error
<
±1
±1.7
% FS
Gain Error
0
±2% FS
ANALOG INPUT
Differential Input Voltage Range
VDIFF
Differential or single-ended inputs
±1.0
V
Common-Mode Input Voltage
Range
VCM
VDD/2
± 0.5
V
Input Resistance
RIN
Switched capacitor load
20
k
Input Capacitance
CIN
5pF
CONVERSION RATE
Maximum Clock Frequency
fCLK
105
MHz
Data Latency
5
Clock
Cycles
DYNAMIC CHARACTERISTICS (fCLK = 105.263MHz, 4096-point FFT)
fINA or B = 7.47MHz, TA = +25
°C59
fINA or B = 20MHz, TA = +25
°C
55
58.5
Signal-to-Noise Ratio
SNR
fINA or B = 50.078MHz (Note 1)
58
dB
fINA or B = 7.47MHz, TA = +25
°C
58.2
fINA or B = 20MHz, TA = +25
°C
54.7
58.1
Signal-to-Noise and Distortion
(up to 5
th harmonic)
SINAD
fINA or B = 50.078MHz (Note 1)
57.6
dB
fINA or B = 7.47MHz, TA = +25
°C72
fINA or B = 20MHz, TA = +25
°C60
72
Spurious-Free Dynamic
Range
SFDR
fINA or B = 50.078MHz, (Note 1)
70
dBc
fINA or B = 7.47MHz
-75
fINA or B = 20MHz
-75
Third-Harmonic Distortion
HD3
fINA or B = 50.078MHz (Note 1)
-73
dBc


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn