Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1180 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX1180
Description  Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1180 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1180 Datasheet HTML 1Page - Maxim Integrated Products MAX1180 Datasheet HTML 2Page - Maxim Integrated Products MAX1180 Datasheet HTML 3Page - Maxim Integrated Products MAX1180 Datasheet HTML 4Page - Maxim Integrated Products MAX1180 Datasheet HTML 5Page - Maxim Integrated Products MAX1180 Datasheet HTML 6Page - Maxim Integrated Products MAX1180 Datasheet HTML 7Page - Maxim Integrated Products MAX1180 Datasheet HTML 8Page - Maxim Integrated Products MAX1180 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX1180 is a +3.3V, dual 10-bit, analog-to-digital
converter (ADC) featuring fully-differential wideband
track-and-hold (T/H) inputs, driving two pipelined, nine-
stage ADCs. The MAX1180 is optimized for low-power,
high-dynamic performance applications in imaging,
instrumentation, and digital communication applica-
tions. The MAX1180 operates from a single +2.7V to
+3.6V supply, consuming only 413mW, while delivering
a typical signal-to-noise ratio (SNR) of 58.5dB at an
input frequency of 20MHz and a sampling rate of
105Msps. The T/H driven input stages incorporate
400MHz (-3dB) input amplifiers. The converters may
also be operated with single-ended inputs. In addition
to low operating power, the MAX1180 features a 2.8mA
sleep mode, as well as a 1µA power-down mode to
conserve power during idle periods.
An internal +2.048V precision bandgap reference sets
the full-scale range of the ADC. A flexible reference
structure allows the use of the internal or external
reference, if desired for applications requiring
increased accuracy or a different input voltage range.
The MAX1180 features parallel, CMOS-compatible
three-state outputs. The digital output format is set to
two’s complement or straight offset binary through a
single control pin. The device provides for a separate
output power supply of +1.7V to +3.6V for flexible inter-
facing. The MAX1180 is available in a 7mm 7mm, 48-
pin TQFP package, and is specified for the extended
industrial (-40°C to +85°C) temperature range.
Pin-compatible higher and lower speed versions of the
MAX1180 are also available. Please refer to the
MAX1181 data sheet for 80Msps, the MAX1182 data
sheet for 65Msps, the MAX1183 data sheet for 40Msps,
and the MAX1184 data sheet for 20Msps. In addition to
these speed grades, this family includes a 20Msps mul-
tiplexed output version (MAX1185), for which digital
data is presented time-interleaved on a single, parallel
10-bit output port.
Applications
High Resolution Imaging
I/Q Channel Digitization
Multichannel IF Undersampling
Instrumentation
Video Application
Features
o Single +3.3V Operation
o Excellent Dynamic Performance:
58.5dB SNR at fIN = 20MHz
72dB SFDR at fIN = 20MHz
o SNR Flat within 1dB for fIN = 202MHz to 100MHz
o Low Power:
125mA (Normal Operation)
2.8mA (Sleep Mode)
1µA (Shutdown Mode)
o 0.02dB Gain and 0.25° Phase Matching (typ)
o Wide ±1Vp-p Differential Analog Input Voltage
Range
o 400MHz, -3dB Input Bandwidth
o On-Chip +2.048V Precision Bandgap Reference
o User-Selectable Output Format—Two’s
Complement or Offset Binary
o 48-Pin TQFP Package with Exposed Pad for
Improved Thermal Dissipation
Dual 10-Bit, 105Msps, +3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
________________________________________________________________ Maxim Integrated Products
1
D1A
D0A
OGND
OVDD
OVDD
OGND
D0B
D1B
D2B
D3B
D4B
D5B
COM
VDD
GND
INA+
INA-
VDD
GND
INB-
INB+
GND
VDD
CLK
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
48 TQFP-EP
MAX1180
Pin Configuration
Ordering Information
19-2097; Rev 0; 7/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP. RANGE
PIN-PACKAGE
MAX1180ECM
-40°C to +85°C
48 TQFP-EP
Functional Diagram appears at end of data sheet.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn