Electronic Components Datasheet Search |
|
APAX-5522PE Datasheet(PDF) 1 Page - Advantech Co., Ltd. |
|
APAX-5522PE Datasheet(HTML) 1 Page - Advantech Co., Ltd. |
|
1 / 1 page DIN-Rail IPCs Features *APAX DI/O modules can use ID number 0 ~ 31, while AI/O modules and counter modules can only use ID numbers 0 ~ 15 APAX-5522PE Specifications General Certification CE, FCC class A Dielectric Strengh and Impulse Tests: IEC60255-5:2000 EMC Immunity: Electronic Discharge: IEC 61000-4-2:2001,level3 Radiated RF Immunity: IEC 61000-4-3:2002, 10 V/m IEEE C37.90.2-1995, 35 V/m Fast Transient, Burst Immunity: IEC 61000-4-4:1995 + A1:2001, 4kV @ 2.5KHz Surge Immunity: IEC 61000-4-5:2001, 2kV line to line, 4kV line to earth Conducted RF Immunity: IEC 61000-4-6:2004, 10 Vrms Magnetic Field Immunity: IEC 61000-4-8:2001, 1000 A/m for 3 seconds, 100 A/m for 1 minute DOMF: IEC 61000-4-10:2001, 30 A/m @ 100KHz and 1 MHz EMC Emissions Conducted Emissions: EN 55011: 2002, Class A Radiated Emissions: EN 55011: 2002, Class A Dimensions (W x H x D) 60 x 139 x 100 mm (without backplane) Enclosure ABS+PC Weight 180 g Connectors DB-9 Power Consumption 2 W @ 5 VDC (typical) System Hardware CPU Intel XScale PXA270 520 MHz Memory Flash 32 M bytes, SDRAM 64 M bytes Battery Backup Memory 256 KB file system, 256 KB direct access Real-time Clock Yes Watchdog Timer Yes Storage 1 x Type II CompactFlash card slot Software OS Support Linux Kernel 2.6 RT, KW software on WinCE Control Software API library / MultiProg KW Linux based RTU Controller I/O Expansion Connected I/O Modules 32 (max.)* Digital Signals 768 (max.) Analog Signals 192 (max.) Communication (Ethernet) LAN 2 x RJ-45 Port, 10/100 Mbps Communication (Serial) Medium 2 x Isolated RS-232 Environment Operating Temperature -20 ~ 70°C (mounted vertically) Storage Temperature -40 ~ 85°C Relative Humidity 5 ~ 95% (non-condensing) Ordering Information APAX-5522PELX IEC 61850-3 Compliant PAC APAX-5522PEKW IEC 61850-3 Compliant PAC, KW softlogic on WinCE Accessories APAX-5002L 2-slot Backplane Module APAX-5350 APAX Power Filter for APAX PE modules IEC 61850-3 and IEEE-1613 certified for substation automation application XScale PXA270 520 MHz processor Wide temperature support (-20 ~ 70°C) Supports up to 32 APAX I/O modules Time-stamp function support Linux OS support 2 x LAN ports support Introduction IEC 61850-3 standards specify a number of “hardened” characteristics that network products should meet to withstand the potentially electromagnetically harsh substation environment: such as immunity to electrical surge, electrostatic discharges and other phenomena that would cause non-hardened devices to fail. The APAX-5000PE series modules are IEC 61850-3 compliant and can be used in power & energy applications e.g. smart substation for good protection features. NEW RoHS COMPLIANT 2002/95/EC *APAX DI/O modules can use ID number 0 ~ 31, while AI/O modules and counter modules can only use ID numbers 0 ~ 15 All product specifications are subject to change without notice Last updated : 5-May-2015 |
Similar Part No. - APAX-5522PE_15 |
|
Similar Description - APAX-5522PE_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |