Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1150 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1150
Description  8-Bit, 500Msps Flash ADC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1150 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1150 Datasheet HTML 1Page - Maxim Integrated Products MAX1150 Datasheet HTML 2Page - Maxim Integrated Products MAX1150 Datasheet HTML 3Page - Maxim Integrated Products MAX1150 Datasheet HTML 4Page - Maxim Integrated Products MAX1150 Datasheet HTML 5Page - Maxim Integrated Products MAX1150 Datasheet HTML 6Page - Maxim Integrated Products MAX1150 Datasheet HTML 7Page - Maxim Integrated Products MAX1150 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The MAX1150 is a parallel flash analog-to-digital con-
verter (ADC) capable of digitizing full-scale (0V to
-2V) inputs into 8-bit digital words at an update rate of
500Msps. The ECL-compatible outputs are demuxed
into two separate output banks, each with differential
data-ready outputs to ease the task of data capture.
The MAX1150’s wide input bandwidth and low capaci-
tance eliminate the need for external track/hold amplifi-
ers for most applications. A proprietary decoding
scheme reduces metastable errors to 1LSB. This
device operates from a single -5.2V supply, with a nom-
inal power dissipation of 5.5W.
____________________________Features
o 1:2 Demuxed ECL-Compatible Outputs
o Wide Input Bandwidth: 900MHz
o Low Input Capacitance: 15pF
o Metastable Errors Reduced to 1LSB
o Single -5.2V Supply
________________________Applications
Digital Oscilloscopes
Data Acquisition
Transient-Capture Applications
Radar, EW, ECM
Direct RF/IF Downconversion
8-Bit, 500Msps Flash ADC
________________________________________________________________
Maxim Integrated Products
1
2
63
64
1
127
128
152
151
254
255
VFB
VRT
ANALOG
INPUT
PREAMP COMPARATOR
VRM
D8
(OVR)
D7
(MSB)
D6
D5
D4
D3
D2
D1
D0
(LSB)
D8B
D7B
D5B
D2B
D1B
D0B
D8A
D7A
D5A
D2A
D1A
D0A
BANK B
BANK A
NDRB (NOT DATA READY)
DRB (DATA READY)
D8B (OVR)
D7B (MSB)
D6B
D5B
D4B
D3B
D2B
D1B
D0B (LSB)
NDRA (NOT DATA READY)
DRA (DATA READY)
D8A (OVR)
D7A (MSB)
D6A
D5A
D4A
D3A
D2A
D1A
D0A (LSB)
DEMUX
CLOCK BUFFER
CLOCK
BUFFER
CLK
NCLK
MAX1150
_________________________________________________________Functional Diagram
19-1169; Rev 0; 12/96
EVALUATION
KIT
AVAILABLE
For the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
PART
MAX1150AIZS
MAX1150BIZS
-20°C to +85°C
-20°C to +85°C
TEMP. RANGE
PIN-PACKAGE
80 MQUAD
80 MQUAD
______________Ordering Information
Pin Configuration appears on last page.


Similar Part No. - MAX1150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11500 MAXIM-MAX11500 Datasheet
152Kb / 8P
   Three-Channel, High-Definition Video Filter
Rev 0; 1/08
MAX11500 MAXIM-MAX11500 Datasheet
130Kb / 6P
   Surface-Mount Components
Rev 0; 8/07
MAX11500EVKIT MAXIM-MAX11500EVKIT Datasheet
130Kb / 6P
   Surface-Mount Components
Rev 0; 8/07
MAX11500EVKIT++ MAXIM-MAX11500EVKIT+ Datasheet
130Kb / 6P
   Surface-Mount Components
Rev 0; 8/07
MAX11501 MAXIM-MAX11501 Datasheet
236Kb / 11P
   Three-Channel, Standard-Definition Video Filters
Rev 1; 4/08
More results

Similar Description - MAX1150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
logo
Renesas Technology Corp
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
logo
Intersil Corporation
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
   14-Bit, 500MSPS ADC
logo
Maxim Integrated Produc...
MAX1125 MAXIM-MAX1125 Datasheet
114Kb / 12P
   8-Bit, 300Msps Flash ADC
19-1100; Rev 0; 6/96
MAX1114 MAXIM-MAX1114 Datasheet
114Kb / 12P
   8-Bit, 150Msps Flash ADC
19-1101; Rev 0; 6/96
MAX1151 MAXIM-MAX1151 Datasheet
78Kb / 8P
   8-Bit, 750Msps Flash ADC
19-1170; Rev 0; 12/96
logo
Intersil Corporation
KMB001 INTERSIL-KMB001 Datasheet
871Kb / 7P
   8-Bit to 16-Bit, 40MSPS to 500MSPS ADC Evaluation System
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
   12-bit ADC 8 - bit RISC FLASH FLASH MCU
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com