Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX114 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX114
Description  5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX114 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX114 Datasheet HTML 4Page - Maxim Integrated Products MAX114 Datasheet HTML 5Page - Maxim Integrated Products MAX114 Datasheet HTML 6Page - Maxim Integrated Products MAX114 Datasheet HTML 7Page - Maxim Integrated Products MAX114 Datasheet HTML 8Page - Maxim Integrated Products MAX114 Datasheet HTML 9Page - Maxim Integrated Products MAX114 Datasheet HTML 10Page - Maxim Integrated Products MAX114 Datasheet HTML 11Page - Maxim Integrated Products MAX114 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
+5V, 1Msps, 4 & 8-Channel,
8-Bit ADCs with 1µA Power-Down
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
__Ordering Information (continued)
__________________________________________________________Pin Configurations
___________________Chip Information
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
IN7
VDD
PWRDN
A0
A1
A2
REF-
D7
D6
D5
D4
CS
WR/RDY
REF+
GND
INT
RD
D3
D2
D1
D0
MODE
IN1
IN2
IN3
IN4
IN5
IN6
DIP/SSOP
MAX118
TRANSISTOR COUNT: 2011
*Dice are specified at TA = +25°C, DC parameters only.
**Contact factory for availability.
PART
MAX118CPI
MAX118CAI
MAX118C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 Wide Plastic DIP
28 SSOP
Dice*
MAX118EPI
MAX118EAI
MAX118MJI
-55°C to +125°C
-40°C to +85°C
-40°C to +85°C
28 Wide Plastic DIP
28 SSOP
28 Wide CERDIP**
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
VDD
PWRDN
A0
A1
IN1
IN2
IN3
IN4
TOP VIEW
D7
D6
D5
D4
D2
D1
D0
MODE
16
15
14
13
9
10
11
12
CS
WR/RDY
REF+
REF-
GND
INT
RD
D3
DIP/SSOP
MAX114


Similar Part No. - MAX114

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11410 MAXIM-MAX11410 Datasheet
1Mb / 95P
   24-Bit Multi-Channel Low-Power
Rev 0; 5/16
MAX11410 MAXIM-MAX11410 Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
MAX11410A MAXIM-MAX11410A Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
MAX11410AATI++ MAXIM-MAX11410AATI+ Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
More results

Similar Description - MAX114

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX153 MAXIM-MAX153 Datasheet
444Kb / 12P
   1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
19-4740; Rev 1; 10/93
MAX153 MAXIM-MAX153_V01 Datasheet
895Kb / 13P
   1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
2012
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX113 MAXIM-MAX113 Datasheet
106Kb / 12P
   3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
19-1081; Rev 1; 8/96
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com