Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE332-200CM Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE332-200CM
Description  ROHS and REACH Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE332-200CM Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE332-200CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE332-200CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE332-200CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE332-200CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE332-200CM Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
4
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Male to SMA Male Low Loss Test Cable 200 CM Length Using PE-P300LL Coax, RoHS from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to SMA Male Low Loss Test Cable 200 CM Length Using PE-P300LL Coax, RoHS
PE332-200CM
URL: http://www.pasternack.com/n-male-sma-male-pe-p300ll-cable-assembly-pe332-200cm-p.aspx
PE332-200CM REV 1.0
PE332-200CM
N Male to SMA Male Low Loss Test Cable 200 CM
Length Using PE-P300LL Coax, RoHS


Similar Part No. - PE332-200CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE332-24 PASTERNACK-PE332-24 Datasheet
357Kb / 5P
   ROHS and REACH Compliant
More results

Similar Description - PE332-200CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE330-36 PASTERNACK-PE330-36 Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE332-100CM PASTERNACK-PE332-100CM Datasheet
357Kb / 5P
   ROHS and REACH Compliant
PE330-24 PASTERNACK-PE330-24 Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE330-200CM PASTERNACK-PE330-200CM Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE331-50CM PASTERNACK-PE331-50CM Datasheet
358Kb / 5P
   ROHS and REACH Compliant
PE331-200CM PASTERNACK-PE331-200CM Datasheet
358Kb / 5P
   ROHS and REACH Compliant
PE332-12 PASTERNACK-PE332-12 Datasheet
357Kb / 5P
   ROHS and REACH Compliant
PE333-24 PASTERNACK-PE333-24 Datasheet
478Kb / 5P
   ROHS and REACH Compliant
PE333-48 PASTERNACK-PE333-48 Datasheet
479Kb / 5P
   ROHS and REACH Compliant
PE333-150CM PASTERNACK-PE333-150CM Datasheet
479Kb / 5P
   ROHS and REACH Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com