Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1132 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX1132
Description  16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1132 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
16-Bit ADC, 200ksps, 5V Single-Supply
with Reference
6
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX1132/MAX1133: AVDD = DVDD = +5V , fSCLK = 4.8MHz, external clock (50% duty cycle), 24 clocks/conversion (200ksps),
bipolar input, external REF = +4.096V, 0.22µF bypassing on REFADJ, 2.2µF on REF, 1µF on CREF, TA = 25°C, unless otherwise noted.)
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
1
13729
6865
20593
27457
34321
41185
48049
54913
61777
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
-1.0
-0.6
-0.8
-0.2
-0.4
0.2
0
0.4
0.8
0.6
1.0
1
13729
20593
27457
6865
34321
41185
48049
54913
61777
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
9.5
10.1
9.9
9.7
10.5
10.3
11.3
11.1
10.9
10.7
11.5
-40
-20
0
20
40
60
80
TOTAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
A
B
C
A: AVDD, DVDD = +4.75V
B: AVDD, DVDD = +5.00V
C: AVDD, DVDD = +5.25V
-4
-3
-2
-1
0
OFFSET VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
A
B
C
A: AVDD, DVDD = +4.75V
B: AVDD, DVDD = +5.00V
C: AVDD, DVDD = +5.25V
0
0.01
0.02
0.03
0.04
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
A
B
C
A: AVDD, DVDD = +4.75V
B: AVDD, DVDD = +5.00V
C: AVDD, DVDD = +5.25V
100
10
1.00
0.10
0.01
010
1
100
1000
TOTAL SUPPLY CURRENT vs.
CONVERSION RATE (USING SHUTDOWN)
CONVERSION RATE (ksps)
0.990
0.995
1.000
1.005
1.010
NORMALIZED REF VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
-120
-100
-80
-40
-60
-20
0
018
9
2736 4554 6372 81 9099
FFT PLOT
FREQUENCY (kHz)
fSAMPLE = 200kHz
fIN = 5kHz
90
0
0.1
100
10
1
SINAD PLOT
30
10
70
50
100
40
20
80
60
FREQUENCY (kHz)
fSAMPLE = 200kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn