Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1132 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX1132
Description  16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1132 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
16-Bit ADC, 200ksps, 5V Single-Supply
with Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +5V ±5%, fSCLK = 4.8MHz, external clock (50% duty cycle), 24 clocks/conversion (200ksps), bipolar input, external
VREF = +4.096V, VREFADJ = AVDD, CREF = 2.2µF, CCREF = 1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT
Unipolar
0
12
MAX1132
Bipolar
-12
12
Unipolar
0
4.096
Input Range
MAX1133
Bipolar
-4.096
4.096
V
Unipolar
7.5
10.0
MAX1132
Bipolar
5.9
7.9
Unipolar
100
1000
Input Impedance
MAX1133
Bipolar
3.4
4.5
k
Input Capacitance
32
pF
CONVERSION RATE
Internal Clock Frequency
4
MHz
Aperture Delay
tAD
10
ns
Aperture Jitter
tAS
50
ps
MODE 1 (24 External Clock Cycles per Conversion)
Unipolar
0.1
3
External Clock Frequency
fSCLK
Bipolar
0.1
4.8
MHz
Unipolar
4.17
125
Sample Rate
fS = fSCLK /24
Bipolar
4.17
200
ksps
Unipolar
8
240
Conversion Time (Note 4)
tCONV+ACQ =
24 / fSCLK
Bipolar
5
240
µs
MODE 2 (Internal Clock Mode)
External Clock Frequency
(Data Transfer Only)
8
MHz
Conversion Time
SSTRB low pulse width
4
6
µs
Unipolar
1.82
Acquisition Time
Bipolar
1.14
µs
MODE 3 (32 External Clock Cycles per Conversion)
External Clock Frequency
fSCLK
Unipolar or bipolar
0.1
4.8
MHz
Sample Rate
fS = fSCLK /32
Unipolar or bipolar
3.125
150
ksps
Conversion Time (Note 4)
tCONV+ACQ =
32 / fSCLK
Unipolar or bipolar
6.67
320
µs
INTERNAL REFERENCE
Output Voltage
VREF
4.056
4.096
4.136
V
REF Short-Circuit Current
24
mA
Output Tempco
±20
ppm/oC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn