Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE15A5006 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part No. PE15A5006
Description  50 Ohm Input and Output Matched
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A5006 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE15A5006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A5006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A5006 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A5006 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A5006 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A5006 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
TECHNICAL DATA SHEET
PE15A5006
7 Watt Psat, 2.5 GHz to 4 GHz, High Power Amplifier,
19 dB Gain, 45 dBm IP3, 8 dB NF, SMA
PE15A5006 REV
7 Watt Psat, 2.5 GHz to 4 GHz, High Power Amplifier, 19 dB Gain, 45 dBm IP3, 8 dB NF, SMA from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7 Watt Psat, 2.5 GHz to 4 GHz, High Power Amplifier, 19 dB Gain, 45 dBm IP3, 8 dB NF, SMA
PE15A5006
URL: http://www.pasternack.com/4-ghz-high-power-amplifier-19-db-gain-45-dbm-ip3-8-db-sma-pe15a5006-p.aspx


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn