Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE15A5006 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part No. PE15A5006
Description  50 Ohm Input and Output Matched
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A5006 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE15A5006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A5006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A5006 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A5006 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A5006 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A5006 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TECHNICAL DATA SHEET
PE15A5006
7 Watt Psat, 2.5 GHz to 4 GHz, High Power Amplifier,
19 dB Gain, 45 dBm IP3, 8 dB NF, SMA
PE15A5006 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7 Watt Psat, 2.5 GHz to 4 GHz, High Power Amplifier, 19 dB Gain, 45 dBm IP3, 8 dB NF, SMA
PE15A5006
* Data shown is for Vdd1,2=+12V, Iddq1=0.25A,
Iddq2=1.05A, Vgs1,2=
-0.82V.
0
10
20
30
40
50
20
25
30
35
40
45
2
2.5
3
3.5
4
4.5
5
Frequency (GHz)
P1dB
Gain
EFF
0
10
20
30
40
50
20
25
30
35
40
45
2
2.5
3
3.5
4
4.5
5
Frequency (GHz)
P3db
Gain
EFF
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
2
2.5
3
3.5
4
4.5
5
Frequency (GHz)
2*F
3*F
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
2
2.5
3
3.5
4
4.5
5
Frequency (GHz)
2*F
3*F
25
30
35
40
45
50
2
2.5
3
3.5
4
4.5
5
Frequency (GHz)
IP3
IP5


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn