Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGP4750DPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRGP4750DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4750DPBF Datasheet(HTML) 4 Page - International Rectifier

  IRGP4750DPBF Datasheet HTML 1Page - International Rectifier IRGP4750DPBF Datasheet HTML 2Page - International Rectifier IRGP4750DPBF Datasheet HTML 3Page - International Rectifier IRGP4750DPBF Datasheet HTML 4Page - International Rectifier IRGP4750DPBF Datasheet HTML 5Page - International Rectifier IRGP4750DPBF Datasheet HTML 6Page - International Rectifier IRGP4750DPBF Datasheet HTML 7Page - International Rectifier IRGP4750DPBF Datasheet HTML 8Page - International Rectifier IRGP4750DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 13, 2014
 
IRGP4750DPbF/IRGP4750D-EPbF
Fig. 10 - Typical V
CE
vs. V
GE
T
J
= -40°C
Fig. 11 - Typical VCE vs. VGE
TJ = 25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF (V)
0
20
40
60
80
100
120
140
-40°C
25°C
175°C
Fig. 7 - Typ. IGBT Output Characteristics
TJ = 25°C; tp = 20µs
0
2
4
6
8
10
VCE (V)
0
20
40
60
80
100
120
140
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
0
2
4
6
8
10
VCE (V)
0
20
40
60
80
100
120
140
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
0
2
4
6
8
10
VCE (V)
0
20
40
60
80
100
120
140
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
Fig. 6 - Typ. IGBT Output Characteristics
TJ = -40°C; tp = 20µs
510
15
20
VGE (V)
0
2
4
6
8
10
ICE = 18A
ICE = 35A
ICE = 70A
Fig. 8 - Typ. IGBT Output Characteristics
T
J
= 175°C; tp = 20µs
510
15
20
VGE (V)
0
2
4
6
8
10
ICE = 18A
ICE = 35A
ICE = 70A
Fig. 9 - Typ. Diode Forward Voltage Drop
Characteristics


Similar Part No. - IRGP4750DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4740DPBF IRF-IRGP4740DPBF Datasheet
822Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGP4740DPBF IRF-IRGP4740DPBF_15 Datasheet
822Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGP4760DPBF IRF-IRGP4760DPBF Datasheet
923Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGP4760DPBF IRF-IRGP4760DPBF_15 Datasheet
923Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGP4760PBF IRF-IRGP4760PBF Datasheet
817Kb / 11P
   Insulated Gate Bipolar Transistor
More results

Similar Description - IRGP4750DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com