Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGP4660DPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRGP4660DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4660DPBF Datasheet(HTML) 3 Page - International Rectifier

  IRGP4660DPBF Datasheet HTML 1Page - International Rectifier IRGP4660DPBF Datasheet HTML 2Page - International Rectifier IRGP4660DPBF Datasheet HTML 3Page - International Rectifier IRGP4660DPBF Datasheet HTML 4Page - International Rectifier IRGP4660DPBF Datasheet HTML 5Page - International Rectifier IRGP4660DPBF Datasheet HTML 6Page - International Rectifier IRGP4660DPBF Datasheet HTML 7Page - International Rectifier IRGP4660DPBF Datasheet HTML 8Page - International Rectifier IRGP4660DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRGP4660DPbF/IRGP4660D-EPbF
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
November 17, 2014
3
Fig. 1 - Maximum DC Collector Current vs.
Case Temperature
Fig. 2 - Power Dissipation vs. Case
Temperature
Fig. 3 - Forward SOA
TC = 25°C, TJ
175°C; VGE =15V
Fig. 4 - Reverse Bias SOA
TJ = 175°C; VGE =15V
Fig. 5 - Typ. IGBT Output Characteristics
TJ = -40°C; tp = 80μs
Fig. 6 - Typ. IGBT Output Characteristics
TJ = 25°C; tp = 80μs
0
2
4
6
8
10
VCE (V)
0
20
40
60
80
100
120
140
160
180
200
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
0
2
4
6
8
10
VCE (V)
0
20
40
60
80
100
120
140
160
180
200
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
10
100
1000
VCE (V)
1
10
100
1000
1
10
100
1000
VCE (V)
0.1
1
10
100
1000
1msec
10μsec
100μsec
Tc = 25°C
Tj = 175°C
Single Pulse
DC
25
50
75
100
125
150
175
TC (°C)
0
20
40
60
80
100
25
50
75
100
125
150
175
TC (°C)
0
50
100
150
200
250
300
350


Similar Part No. - IRGP4660DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4660DPBF IRF-IRGP4660DPBF Datasheet
348Kb / 12P
   INDUSTRIAL MOTOR DRIVE, INVERTERS
More results

Similar Description - IRGP4660DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4072DPBF IRF-IRGP4072DPBF_15 Datasheet
361Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGP4650DPBF IRF-IRGP4650DPBF_15 Datasheet
337Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGP20B120UD-EPBF IRF-IRGP20B120UD-EPBF_15 Datasheet
931Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGP4690DPBF IRF-IRGP4690DPBF_15 Datasheet
351Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRG4IBC30KDPBF IRF-IRG4IBC30KDPBF_15 Datasheet
339Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com