Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1106 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1106
Description  Single-Supply, Low-Power, Serial 8-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1106 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1106 Datasheet HTML 1Page - Maxim Integrated Products MAX1106 Datasheet HTML 2Page - Maxim Integrated Products MAX1106 Datasheet HTML 3Page - Maxim Integrated Products MAX1106 Datasheet HTML 4Page - Maxim Integrated Products MAX1106 Datasheet HTML 5Page - Maxim Integrated Products MAX1106 Datasheet HTML 6Page - Maxim Integrated Products MAX1106 Datasheet HTML 7Page - Maxim Integrated Products MAX1106 Datasheet HTML 8Page - Maxim Integrated Products MAX1106 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Single-Supply, Low-Power,
Serial 8-Bit ADCs
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—MAX1107
(VDD = +4.5V to +5.5V; IN- = GND; fSCLK = 2MHz; 25ksps conversion rate; 1µF capacitor at REFOUT; external +4.096V reference at
REFIN; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
ps
<50
Aperture Jitter
ns
10
Aperture Delay
kHz
400
Internal Clock Frequency
0 to 0.5mA (Note 6)
ppm/°C
±50
REF Tempco
mA
CONDITIONS
5
IREFSC
REF Short-Circuit Current
mV
4
Load Regulation
MHz
V
3.936
4.096
4.256
VREFOUT
Output Voltage
µF
1
Capacitive Bypass at REFOUT
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
dB
SINAD
Signal-to-Noise Plus Distortion
49
µs
1
tACQ
Track/Hold Acquisition Time
Figure 7
µs
tCONV
Conversion Time
35
SFDR
Spurious-Free Dynamic Range
dB
dB
68
THD
Total Harmonic Distortion
(up to the 5th harmonic)
-70
Full-Power Bandwidth
MHz
VIN+ to VIN-
0VREFIN
-3dB rolloff
MHz
0.8
BW-3dB
Small-Signal Bandwidth
1.5
VIN_
Input Voltage Range (Note 4)
V
Input Leakage Current
µA
On/off-leakage current,
VIN+ or VIN- = 0 or VDD
±0.01
±1
pF
CIN
Input Capacitance
18
2
External Clock Frequency Range
For data transfer only
TA = TMIN to TMAX
±0.5
TA = +25°C
LSB
±1
TUE
Total Unadjusted Error
ppm/°C
±0.8
Gain Temperature Coefficient
LSB
±1
Gain Error (Note 3)
LSB
±0.2
±1
Offset Error
No missing codes over temperature
LSB
±1
DNL
Differential Nonlinearity
LSB
±0.15
±0.5
INL
Relative Accuracy (Note 1)
Bits
8
Resolution
DC ACCURACY
DYNAMIC PERFORMANCE (10kHz sine-wave input, 4.096Vp-p, 25ksps conversion rate)
ANALOG INPUTS
TRACK/HOLD
INTERNAL REFERENCE


Similar Part No. - MAX1106

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11060GUU MAXIM-MAX11060GUU Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
MAX11060GUU++ MAXIM-MAX11060GUU+ Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11068 MAXIM-MAX11068 Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
MAX11068GUU++ MAXIM-MAX11068GUU+ Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
MAX11068GUU/V++ MAXIM-MAX11068GUU/V+ Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
More results

Similar Description - MAX1106

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1115 MAXIM-MAX1115 Datasheet
379Kb / 12P
   Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1822; Rev 1; 2/02
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com