Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1106 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1106
Description  Single-Supply, Low-Power, Serial 8-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1106 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1106 Datasheet HTML 1Page - Maxim Integrated Products MAX1106 Datasheet HTML 2Page - Maxim Integrated Products MAX1106 Datasheet HTML 3Page - Maxim Integrated Products MAX1106 Datasheet HTML 4Page - Maxim Integrated Products MAX1106 Datasheet HTML 5Page - Maxim Integrated Products MAX1106 Datasheet HTML 6Page - Maxim Integrated Products MAX1106 Datasheet HTML 7Page - Maxim Integrated Products MAX1106 Datasheet HTML 8Page - Maxim Integrated Products MAX1106 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX1106/MAX1107 low-power, 8-bit, single-channel,
analog-to-digital converters (ADCs) feature an internal
track/hold (T/H), voltage reference, clock, and serial inter-
face. The MAX1106 is specified from +2.7V to +3.6V and
consumes only 96µA. The MAX1107 is specified from
+4.5V to +5.5V and consumes only 107µA. The analog
inputs are pin-configurable, allowing unipolar and single-
ended or differential operation.
The full-scale analog input range is determined by the
internal reference of +2.048V (MAX1106) or +4.096V
(MAX1107), or by an externally applied reference rang-
ing from 1V to VDD. The MAX1106/MAX1107 also feature
a pin-selectable power-down mode that reduces power
consumption to 0.5µA when the device is not in use. The
3-wire serial interface directly connects to SPI™, QSPI™,
and MICROWIRE™ devices without external logic.
Conversions up to 25ksps are performed using the inter-
nal clock.
The MAX1106/MAX1107 are available in a 10-pin µMAX
package with a footprint that is just 20% of an
8-pin plastic DIP.
Applications
Portable Data Logging
Hand-Held Measurement Devices
Medical Instruments
System Diagnostics
Solar-Powered Remote Systems
4–20mA-Powered Remote Systems
Receive-Signal-Strength Indicators
Features
o Single Supply: +2.7V to +3.6V (MAX1106)
+4.5V to +5.5V (MAX1107)
o Low Power: 96µA at +3V and 25ksps
0.5µA in Power-Down Mode
o Pin-Programmable Configuration
o 0 to VDD Input Voltage Range
o Internal Track/Hold
o Internal Reference: +2.048V (MAX1106)
+4.096V (MAX1107)
o 1V to VDD Reference Input Range
o SPI/QSPI/MICROWIRE-Compatible Serial Interface
o Small 10-Pin µMAX Package
Single-Supply, Low-Power,
Serial 8-Bit ADCs
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
SCLK
DOUT
SHDN
CONVST
GND
IN-
IN+
VDD
MAX1106
MAX1107
µMAX
TOP VIEW
REFIN
REFOUT
CONTROL
LOGIC
T/H
SAR
INTERNAL
OSCILLATOR
OUTPUT
SHIFT
REGISTER
VDD
ANALOG
INPUT
MUX
INTERNAL
REFERENCE
DOUT
SCLK
SHDN
IN+
REFIN
IN-
REFOUT
CONVST
GND
CHARGE
REDISTRIBUTION
DAC
MAX1106
MAX1107
Functional Diagram
19-1432; Rev 0; 3/99
Pin Configuration
Ordering Information
PART
MAX1106CUB
MAX1106EUB
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
10 µMAX
10 µMAX
MAX1107CUB
MAX1107EUB
-40°C to +85°C
0°C to +70°C
10 µMAX
10 µMAX
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.


Similar Part No. - MAX1106

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11060GUU MAXIM-MAX11060GUU Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
MAX11060GUU++ MAXIM-MAX11060GUU+ Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11068 MAXIM-MAX11068 Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
MAX11068GUU++ MAXIM-MAX11068GUU+ Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
MAX11068GUU/V++ MAXIM-MAX11068GUU/V+ Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
More results

Similar Description - MAX1106

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1115 MAXIM-MAX1115 Datasheet
379Kb / 12P
   Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1822; Rev 1; 2/02
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com