Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # NS
Description  No sparks with specified DC overvoltage applied
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

NS Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  NS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION NS Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION NS Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION NS Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION NS Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION NS Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. 7a
NS Series
(No Sparks with DC Overvoltage) MERITEK
Aluminum Electrolytic Capacitors
Temperature(
°C)
65
85
105
Multiplier
1.80
1.50
1.00
Case size
: DxL
(mm)
Max. ripple current
: mA(rms) 105°C 120Hz
RIPPLE CURRENT COEFFICIENTS
Frequency(Hz)
60
120
1k
10k
100k
W.V.
Multiplier
200V
0.80
1.00
1.30
1.40
1.60
400V
0.75
1.00
1.50
1.75
1.85
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
200
400
Item
DxL
R.C.
DxL
R.C.
22
16x25
170
33
16x25
210
39
16x31.5
260
18x25
250
47
16x31.5
280
56
16x40
340
18x31.5
330
68
18x35.5
380
82
18x40
440
100
16x25
400
120
16x31.5
480
18x25
470
150
16x31.5
540
18x25
520
180
16x40
660
18x31.5
630
220
18x35.5
730
18x40
770
DC OVERVOLTAGE TEST CONDITION
The vent will be operated and the capacity shall become an open circuit without
burning the material when the following excess DC voltage is applied.
Rated
Current
Test DC voltage
200 VDC
4A
300/375 VDC
400 VDC
2A
500/600 VDC
AC input
SW
Cx
-
Constant DC voltage/current power supply


Similar Description - NS

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
F11K120 DIOTEC-F11K120_15 Datasheet
121Kb / 2P
   Rectifier with Overvoltage Protection
F12K120 DIOTEC-F12K120_15 Datasheet
121Kb / 3P
   Rectifier with Overvoltage Protection
KT20A120 DIOTEC-KT20A120_15 Datasheet
150Kb / 2P
   Rectifier with Overvoltage protection
F5K120 DIOTEC-F5K120_15 Datasheet
126Kb / 2P
   Rectifier with Overvoltage Protection
FX20K120 DIOTEC-FX20K120_15 Datasheet
124Kb / 3P
   Rectifier with Overvoltage Protection
logo
Analog Devices
LTC7825 AD-LTC7825 Datasheet
1Mb / 19P
   Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
Rev. A
logo
Diotec Semiconductor
ABS125K DIOTEC-ABS125K Datasheet
148Kb / 2P
   Bridge Rectifier with Overvoltage Protection
F5K120 DIOTEC-F5K120_13 Datasheet
126Kb / 2P
   LowVF-Rectifier with Overvoltage Protection
logo
Powerbox
C3800 POWERBOX-C3800 Datasheet
1Mb / 2P
   Overvoltage protection with auto restart
C1500 POWERBOX-C1500 Datasheet
87Kb / 3P
   Overvoltage protection with auto restart
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com